Electronic Components Datasheet Search
  English  ▼

X  

ADF4602BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4602BCPZ Datasheet HTML 14Page - Analog Devices ADF4602BCPZ Datasheet HTML 15Page - Analog Devices ADF4602BCPZ Datasheet HTML 16Page - Analog Devices ADF4602BCPZ Datasheet HTML 17Page - Analog Devices ADF4602BCPZ Datasheet HTML 18Page - Analog Devices ADF4602BCPZ Datasheet HTML 19Page - Analog Devices ADF4602BCPZ Datasheet HTML 20Page - Analog Devices ADF4602BCPZ Datasheet HTML 21Page - Analog Devices ADF4602BCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADF4602
Rev. 0 | Page 18 of 36
I/Q Modulator
The I/Q modulator converts the transmit baseband input signals
to RF. Calibration techniques are used to maintain accurate IQ
balance and phase across frequency and environmental conditions,
thus ensuring that 3GPP carrier leakage and EVM and ACLR
requirements are met with good margin under all conditions.
The on-chip calibrations are carried out during the transmit
PLL lock time specified and are self-contained, requiring no
additional input from the user.
The modulator has an 80 dB gain control range, programmable
in 1/32 of a decibel step. The 12-bit word txpwr_set[11:0] in
Register 28 controls the transmit output power. The setting is
referenced to a full-scale (500 mV peak differential) sine wave
signal applied to the transmit baseband inputs. To calculate the
output power when a WCDMA modulated signal with a certain
peak-to-average ratio is applied, Equation 1 should be used.
Output Power (dBm/3.84 MHz) = txpwr(dBm) − PAR(dB) (1)
where txpwr(dBm) is the txpwr_set[11:0] value converted to
dBm, and PAR is the peak-to-average ratio of the WCDMA
signal. For example, if an output power of −8 dBm is required
for a WCDMA signal with a peak-to-average ratio of 10 dB
txpwr(dBm) = −8 dBm + 10 dB = +2 dBm
The current consumption of the modulator scales with output
power. When the TX power is backed off from maximum, the
transceiver benefits from lower power dissipation.
VCO Output
The TX VCO output is fed to a tuned buffer stage and then to
the quadrature generation circuitry. The tuned buffer ensures
that minimum current and LO related noise is generated in the
VCO transport. This action is transparent to the user. The
quadrature generator creates the highly accurate phased signals
required to drive the modulator and also acts as a divide-by-2.
In low band, an additional divide-by-2 is used in the VCO
transport path, which is bypassed in high band. This is done to
minimize the VCO tuning range required to cover all the bands.
The phase accuracy of the signals is important in ensuring good
modulation quality and accurate output power. An on-chip
calibration ensures that the phased signals are exactly 90° out of
phase. This calibration runs each time the frequency is changed
or if the txpwr_set[11:0] word is written to. If the temperature
of the device changes, this calibration should be updated. To run
the calibration, the user should simply write to the txpwr_set[11:0]
word for each five degree change in temperature, or update the
value regularly (every few seconds) between WCDMA frames
or timeslots. This ensures that good EVM and accurate output
power are maintained as the temperature of the device changes.
TX Output Baluns
The baseband input, modulator, and all associated circuitry are
fully differential to maintain high signal integrity and noise
immunity. However, a differential output is not optimal for the
user because most power amplifiers (PAs) are singled-ended.
This situation would normally require additional external matching
components or a differential to single-ended SAW filter structure.
With the ADF4602, the SAW filter is not necessary, and the
required low loss balun is fully integrated, converting the diffe-
rential internal signals to a single-ended 50 Ω output, thus allowing
easy interfacing to the PA.
The high band output is available at the TXHBRF pin, and
the low band output is available at the TXLBRF pin. These are
directly connected to a 50 Ω load, if necessary, and do not
require ac-coupling.
DACS
The ADF4602 integrates two DACs that are designed to interface
to an external PA to control reference or bias nodes within the
PA. If this function is not required, the DACs are used for any
general purpose or powered down if not required.
DAC1 is a 5-bit voltage output DAC. The output range is from
2.3 V to 3.15 V (for VDD > 3.15 V). The DAC1 output stage is
supplied directly from VDD, with the capability to supply 10
mA of current to within 50 mV of VDD. For high accuracy, the
DAC reference is supplied from LDO5, which is internally
trimmed to 25 mV accuracy. The DAC1 output is set by the
PADAC1[4:0] word.
DAC2 is a 6-bit voltage output DAC with a range from 0 V to
2.8 V. LDO5 supplies both the reference voltage and full-scale
output voltage for DAC2. The output voltage is set by the
padac2_ow[5:0] word. The dacgpo_owen bit must also be set
high if control of DAC2 is required.
Both DACS are powered down by writing the code, 0x0, to the
respective control register.
GENERAL PURPOSE OUTPUTS
Four general-purpose outputs (GPOs) are provided on the
ADF4602. These are used to control PA bias modes or, more
commonly, the GPOs are used to control external RF front-end
switches in the transmit/receive path. The GPOs are simple 3 V
digital output drivers. GPO1 to GPO3 are capable of supplying
a maximum current of 2 mA, whereas GPO4 can supply up to
10 mA.
For operation of the GPOs, Bit dacgpo_owen must be set to 1.
The GPOs are then controlled via the gpo_ow[3:0] word.
RECEIVER DESCRIPTION
The ADF4602 contains a fully integrated direct conversion
receiver designed for multiband WCDMA femtocell applications.
High performance, low power consumption, and minimal external
components are the key features of the design. Figure 37 shows
a block diagram of the receiver, which consists of three LNA
blocks for multiband operation, high linearity I/Q mixers,
advanced baseband channel filtering, and a DC offset
compensation circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com