Electronic Components Datasheet Search
  English  ▼

X  

ADF4602BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4602BCPZ Datasheet HTML 25Page - Analog Devices ADF4602BCPZ Datasheet HTML 26Page - Analog Devices ADF4602BCPZ Datasheet HTML 27Page - Analog Devices ADF4602BCPZ Datasheet HTML 28Page - Analog Devices ADF4602BCPZ Datasheet HTML 29Page - Analog Devices ADF4602BCPZ Datasheet HTML 30Page - Analog Devices ADF4602BCPZ Datasheet HTML 31Page - Analog Devices ADF4602BCPZ Datasheet HTML 32Page - Analog Devices ADF4602BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADF4602
Rev. 0 | Page 29 of 36
SOFTWARE INITIALIZATION PROCEDURE
INITIALIZATION SEQUENCE
Table 14 shows the initialization sequence that should be used after power-up. Note that the 26 MHz reference clock must be applied to
the REFIN pin before programming begins. The default settings are described in the comments section, and some settings, such as output
frequency, gain, and GPO settings, may vary from those required in the end application of the user. The user can substitute his own
settings in these instances.
Table 14. Initialization Sequence
Step
Register1
Data
Comment
1
02
0x0003
Performs a soft reset of the ADF4602. The reset takes 50 μs, and no registers should be written to during this
period. After 50 μs, programming can continue as normal. This bit is self clearing.
If using 1.8 V logic levels, this register should be programmed to 0x0001 instead of 0x0003.
2
0.151
0xE0
Set VSUP2 to 3.1 V. See the Nonvolatile Memory (NVM) Initialization section for more details.
3
31
0x0010
Transfers non-volatile memory (NVM) contents to registers. Wait 200 μs before next programming step.
4
31
0x0000
Negate bit set in last programming step.
5
0.151
0x6F
Set VSUP2 back to 2.8 V.
6
01
0x2FDD
Enables receiver and disables transmit output. Selects TXHBRF pin as the transmit output and RXHB1 as the
receive input.
Enables all on-chip regulators.
19.2 MHz output clock is enabled, 26 MHz output clock is disabled.
If it is desired to disable the 19.2 MHz output clock, this register is programmed to 0x27DD.
7
12
0x0FA6
Default settings for mixer and LNA gain reduction steps.
8
13
0x103E
Default settings.
9
14
0xEE53
Default settings.
10
15
0x0890
Sets received gain calibration, WCDMA filter mode, and output common-mode voltage to 1.4 V.
11
21
0x001F
Default settings.
12
22
0x8000
Enables DAC and GPO manual control.
13
0.144
0x06
Default settings.
14
0.155
0x78
Default settings.
15
0.153
0x85
Default settings.
16
0.165
0x20
Default settings.
17
0.170
0xF0
Default settings.
18
0.171
0x04
If transmit synthesizer frequency is >2100 MHz
0x00
If transmit synthesizer frequency is <2100 MHz
19
0.174
0x5F
If transmit synthesizer frequency is >2100 MHz
0x50
If transmit synthesizer frequency is <2100 MHz
20
0.175
0x14
Default settings.
21
11
0x0050
Receiver gain set to 80 dB.
22
10
0x9858
Receiver synthesizer frequency set to 1950 MHz. The PLL takes 200 μs to lock. Registers should not be
written to during this period.
23
26
0xA730
Transmit synthesizer frequency set to 2140 MHz. The PLL takes 200 μs to lock. Registers should not be
written to during this period.
24
01
0x2FFD
Enables transmit output.
25
28
0xA001
Enables control of the output power and sets the txpwr_set field to 0 dBm. Control of output power is via
the txpwr_set bits.
1 Register numbers 0.xxx are 8-bit registers as described in the SPI Interface section of the ADF4602-x datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com