Electronic Components Datasheet Search
  English  ▼

X  

ADF4602BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4602BCPZ Datasheet HTML 18Page - Analog Devices ADF4602BCPZ Datasheet HTML 19Page - Analog Devices ADF4602BCPZ Datasheet HTML 20Page - Analog Devices ADF4602BCPZ Datasheet HTML 21Page - Analog Devices ADF4602BCPZ Datasheet HTML 22Page - Analog Devices ADF4602BCPZ Datasheet HTML 23Page - Analog Devices ADF4602BCPZ Datasheet HTML 24Page - Analog Devices ADF4602BCPZ Datasheet HTML 25Page - Analog Devices ADF4602BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADF4602
Rev. 0 | Page 22 of 36
FREQUENCY SYNTHESIS
The ADF4602 contains two fully integrated programmable
frequency synthesizers for generation of transmit and receive
local oscillator (LO) signals. The design uses a fractional-N
architecture for low noise and fast lock-time. The fractional-N
functionality is implemented with a third order Σ-Δ modulator.
Figure 41 shows a block diagram of the synthesizer architecture.
PFD
FREF
LOOP
FILTER
C
P
DIVIDERS
DIGITAL DECODE
RxFREQ[15:0]
50kHz STEP
÷2
LPF
VCO
FVCO: 3.4GHz TO
4.4GHz RANGE
VCO FREQ CAL
AND AMPLITUDE
CONTROL
Σ-Δ
PHASE FREQUENCY
DETECTOR AND
CHARGE PUMP
Figure 41. Frequency Synthesizer Block Diagram
All necessary components are fully integrated for both transmit
and receive synthesizers, including loop filters, VCOs, and tank
components. The VCOs run at 2× the high band frequency and
4× the low band frequency. The dividers are external to the
synthesizer loop. This minimizes VCO leakage power at the
desired frequency and tuning range requirements of the VCO.
The VCOs use a multiband structure to cover the wide
frequency range required.
The design incorporates both frequency and amplitude calibration
to ensure that the oscillator is always operating with its optimum
performance. The calibrations occur during the 200 μs PLL lock
time and are fully self contained, requiring no user inputs.
The charge pump and loop filter are internally trimmed to
remove variations associated with manufacture and frequency.
This process is fully automated.
To aid simplified programming, the ADF4602 contains a frequency
decode table for the synthesizers, meaning the programmer is
not concerned with the internal operation of the counters and
fractional-N system. Frequency step sizes of 50 kHz are possible
with both transmit and receive synthesizers. The programming
words rxfreq[15:0] and txfreq[15:0] set the frequency in
50 kHz steps from 0 MHz to 3276.75 MHz. Note that the
synthesizers do not cover this full range. The frequency range
for each synthesizer in high and low bands is given in the
Specifications section.
When the high band is enabled, the programmed frequency
is equal to the LO frequency. For low band operation, the
programmed frequency should be set to 2× the desired LO
frequency.
The transmit and receive synthesizers are enabled by setting
Bit txsynthen and Bit rxsynthen in Register 1, respectively.
Reference Path
The ADF4602 requires a 26 MHz reference frequency input.
A VCTCXO is used to provide this. The reference input is ac-
coupled internally, so external ac coupling is not necessary.
The 26 MHz reference is internally buffered and distributed to
the respective blocks, such as the synthesizer PFD inputs. Figure 42
shows a block diagram.
The ADF4602 provides two buffered outputs: a buffered version
of the 26 MHz reference on Pin REFCLK and a 19.2 MHz
WCDMA chip clock on Pin CHIPCLK. The 19.2 MHz chip
clock is a multiple of the 3.84 MHz chip rate used in WCDMA.
Thus, it can be used to clock ADCs/DACs elsewhere in the
system. The chip clock is generated by an integrated PLL and
contains no user settings.
Both outputs are slew rate limited and produce low swing digital
outputs. The buffers contain their own 1.5 V regulator circuits
to improve isolation and minimize unwanted supply noise. The
26 MHz and 19.2 MHz buffer outputs are enabled or disabled
by programming Bit refclken and Bit chipclken (Register 1).
PLL
REFIN (26MHz)
REFCLK
CHIPCLK
VSUP8
VSUP8
VSUP8
VSUP8
REG
REG
1.5V
1.5V
CHIPCLKEN
REFCLKEN
26MHz CLOCK
DISTRIBUTION
Figure 42. Reference Path Block Diagram
All reference sections are powered from VSUP8, which can
safely be removed from the chip in isolation, to enter a low
current power-down mode. Calibration data is not lost, but the
reference frequency ceases to exist. As soon as VSUP8 is re-
applied, oscillation begins. This is visible at the buffer outputs,
as long as they were previously enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com