Electronic Components Datasheet Search
  English  ▼

X  

ADF4602BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF4602BCPZ Datasheet HTML 21Page - Analog Devices ADF4602BCPZ Datasheet HTML 22Page - Analog Devices ADF4602BCPZ Datasheet HTML 23Page - Analog Devices ADF4602BCPZ Datasheet HTML 24Page - Analog Devices ADF4602BCPZ Datasheet HTML 25Page - Analog Devices ADF4602BCPZ Datasheet HTML 26Page - Analog Devices ADF4602BCPZ Datasheet HTML 27Page - Analog Devices ADF4602BCPZ Datasheet HTML 28Page - Analog Devices ADF4602BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ADF4602
Rev. 0 | Page 25 of 36
REGISTER DESCRIPTION
Table 10. General User Registers
Register
Bit
Bit Name
Description
1, A1
13
rxen
Set this bit high to enable the receiver. A low here disables the receiver.
12
refclken
Setting this bit high enables the 26 MHz reference output buffer.
11
chipclken
Setting this bit high enables the19.2 MHz chip clock output buffer.
[10:6]
ldoen
The on-chip LDOs are powered down individually. For normal operation all LDOs should be enabled
(Bits[10 : 6] = [11111])
ldoen[10:6]1
Mode
XXXX1
VSUP1 2.6 V enable
XXX1X
VSUP2 2.8 V enable
XX1XX
VSUP3 1.8 V enable
X1XXX
VSUP4 2.6 V enable
1XXXX
VSUP5 2.8 V enable
5
txen
Setting this bit high enables the transmitter.
4
txbs
This bit controls which of the transmit outputs is in use. 0 = low band (TXLBRF), 1 = high band (TXHBRF).
3
txsynthen
Setting this bit high enables the transmit synthesizer.
[2:1]
rxbs
These bits control the receiver band select.
rxbs[2:1]
Operation
00
Reserved
01
Low band enable (RXLB)
10
High Band 1 enable (RXHB1) (default)
11
High Band 2 enable (RXHB2)
0
rxsynthen
Setting this bit high enables the receive synthesizer
2, A1
1
sif_vsup8
The serial port readback (SDATA) output voltage is changed from 1.8 V to 2.8 V with this bit. 0 = use 1.8 V
VINT supply, 1 = use 2.8 V VSUP8 supply. After power-up or after a soft reset, the ADF4602 defaults to 2.8 V
readback mode.
0
reset_soft
A rising edge on this bit starts a 50 μs reset pulse for the full chip. This bit is self clearing. It is
recommended that a soft reset be performed after power-up.
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com