Electronic Components Datasheet Search
  English  ▼

X  

LTC2637 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2637
Description  Mobile Communications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2637 Datasheet HTML 10Page - Linear Technology LTC2637 Datasheet HTML 11Page - Linear Technology LTC2637 Datasheet HTML 12Page - Linear Technology LTC2637 Datasheet HTML 13Page - Linear Technology LTC2637 Datasheet HTML 14Page - Linear Technology LTC2637 Datasheet HTML 15Page - Linear Technology LTC2637 Datasheet HTML 16Page - Linear Technology LTC2637 Datasheet HTML 17Page - Linear Technology LTC2637 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC2637

2637fa
typical perFormance characteristics
Large-Signal Response
Mid-Scale Glitch Impulse
Power-On Reset Glitch
Headroom at Rails
vs Output Current
Exiting Power-Down to Mid-Scale
Power-On Reset to Mid-Scale
Supply Current vs Logic Voltage
DAC to DAC Crosstalk (Dynamic)
Multiplying Bandwidth
LTC2637
TA = 25°C, unless otherwise noted.
2µs/DIV
VOUT
0.5V/DIV
2637 G22
VFS = VCC = 5V
1/4 SCALE to 3/4 SCALE
SCL
5V/DIV
VOUT
5mV/DIV
2µs/DIV
2637 G23
9TH CLOCK OF
3RD DATA BYTE
LTC2637-H12
VCC = 5V, 3nV•s TYP
LTC2637-L12
VCC = 3V, 2.1nV•s TYP
200µs/DIV
VOUT
5mV/DIV
VCC
2V/DIV
2637 G24
LTC2637-L
ZERO-SCALE
IOUT (mA)
0
5.0
4.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5
0
1
7
8
9
6
5
4
3
2637 G25
10
2
5V SOURCING
3V (LTC2637-L) SOURCING
5V SINKING
3V (LTC2637-L) SINKING
SCL
5V/DIV
VOUT
0.5V/DIV
5µs/DIV
2637 G26
9TH CLOCK OF
3RD DATA BYTE
DACs A TO G IN
POWER-DOWN
MODE
LTC2637H
VCC = 5V
INTERNAL REF
LOGIC VOLTAGE (V)
0
1.8
1.6
1.2
1.4
1.0
0.8
0.6
4
3
2
1
2637 G28
5
SWEEP SDA, SCL,
BETWEEN 0V AND VCC
VCC = 5V
VCC = 3V
(LTC2637-L)
SCL
5V/DIV
VOUT
2mV/DIV
1 DAC
SWITCH 0 TO FS
2V/DIV
2µs/DIV
2637 G29
9TH CLOCK OF
3RD DATA BYTE
LTC2637-H12
VCC = 5V, 3nV•s TYP
CREF = 0.1µF
200µs/DIV
VCC
2V/DIV
VOUT
0.5V/DIV
2637 G27
LTC2637-H
LTC2637-L
FREQUENCY (Hz)
2637 G30
2
0
–16
–14
–12
–10
–8
–6
–4
–2
–18
1k
100k
1M
10k
VCC = 5V
VREF(DC) = 2V
VREF(AC) = 0.2VP-P
CODE = FULL-SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com