Electronic Components Datasheet Search
  English  ▼

X  

LTC2637 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2637
Description  Mobile Communications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2637 Datasheet HTML 20Page - Linear Technology LTC2637 Datasheet HTML 21Page - Linear Technology LTC2637 Datasheet HTML 22Page - Linear Technology LTC2637 Datasheet HTML 23Page - Linear Technology LTC2637 Datasheet HTML 24Page - Linear Technology LTC2637 Datasheet HTML 25Page - Linear Technology LTC2637 Datasheet HTML 26Page - Linear Technology LTC2637 Datasheet HTML 27Page - Linear Technology LTC2637 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC2637

2637fa
typical application
2637 TA02
LTC2637MS-LMI12
DAC A
DAC B
DAC C
DAC D
DAC H
DAC G
DAC F
DAC E
REF
SDA
SCL
CA0
CA1
CA2
VCC
0.1µF
0.1µF
M9
M3
M1
P1
P3
P9
8
9
10
1
2
3
2k
1k
0.1µF
LT1991
VCC
VEE
REF
OUT
6
VOUT = ±5V
0.1µF
0.1µF
5
4
7
–15V
15V
5V
1
15
14
13
12
10
7
6
GND
16
11
2
3
4
5
8
9
0.1µF
0.1µF
15V
–15V
1/2 LT1469
DAC A
8
4
1
30k
–15V
I2C
BUS
OUTA
60
61
15
64
63
62
59
2
58
OUTB
RFBA
RVOSA
19
GND
IOUT1A
IOUT2A
3
2
30k
–15V
DAC B
VDD
ROFSA
RIN1
RCOM1
REFA
DAC D
OUTD
DAC C
OUTC
+
1/2 LT1469
0.1µF
0.1µF
15V
–15V
8
4
5
6
7
0.1µF
5V
30k
–15V
30k
–15V
LTC2755
LTC2637 DACs Adjust LTC2755-16 Offsets, Amplified with LT1991 PGA to
±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com