Electronic Components Datasheet Search
  English  ▼

X  

LTC2637 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2637
Description  Mobile Communications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637 Datasheet(HTML) 2 Page - Linear Technology

  LTC2637 Datasheet HTML 1Page - Linear Technology LTC2637 Datasheet HTML 2Page - Linear Technology LTC2637 Datasheet HTML 3Page - Linear Technology LTC2637 Datasheet HTML 4Page - Linear Technology LTC2637 Datasheet HTML 5Page - Linear Technology LTC2637 Datasheet HTML 6Page - Linear Technology LTC2637 Datasheet HTML 7Page - Linear Technology LTC2637 Datasheet HTML 8Page - Linear Technology LTC2637 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2637

2637fa
aBsolute maximum ratings
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
VOUTH
VOUTG
VOUTF
VOUTE
REF
SDA
VCC
VOUTA
VOUTB
VOUTC
VOUTD
CA0
SCL
TOP VIEW
DE PACKAGE
14-LEAD (4mm 3mm) PLASTIC DFN
15
TJMAX = 150°C, θJA = 37°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
VCC
VOUTA
VOUTB
VOUTC
VOUTD
CA2
CA0
SCL
16
15
14
13
12
11
10
9
GND
VOUTH
VOUTG
VOUTF
VOUTE
REF
CA1
SDA
TOP VIEW
MS PACKAGE
16-LEAD (4mm 5mm) PLASTIC MSOP
TJMAX = 150°C, θJA = 110°C/W
pin conFiguration
Supply Voltage (VCC) ................................... –0.3V to 6V
SCL, SDA ..................................................... –0.3V to 6V
VOUTA - VOUTH,
CA0, CA1, CA2...................–0.3V to Min(VCC + 0.3V, 6V)
REF ...................................–0.3V to Min(VCC + 0.3V, 6V)
Operating Temperature Range
LTC2637C ................................................ 0°C to 70°C
(Notes 1, 2)
LTC2637I .............................................–40°C to 85°C
LTC2637H (Note 3)............................ –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS Package......................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com