Electronic Components Datasheet Search
  English  ▼

X  

LTC2637 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2637
Description  Mobile Communications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2637 Datasheet HTML 18Page - Linear Technology LTC2637 Datasheet HTML 19Page - Linear Technology LTC2637 Datasheet HTML 20Page - Linear Technology LTC2637 Datasheet HTML 21Page - Linear Technology LTC2637 Datasheet HTML 22Page - Linear Technology LTC2637 Datasheet HTML 23Page - Linear Technology LTC2637 Datasheet HTML 24Page - Linear Technology LTC2637 Datasheet HTML 25Page - Linear Technology LTC2637 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC2637

2637fa
operation
Figure 3. Command and Data Input Format
C3
1ST DATA BYTE
Input Word (LTC2637-12)
Write Word Protocol for LTC2637
C2 C1 C0 A3 A2 A1 A1
D9
D10
D11
S
W ACK
SLAVE ADDRESS
1ST DATA BYTE
D8 D7 D6 D5 D4 D3 D2 D1 D0
X
X
X
X
ACK 2ND DATA BYTE ACK 3RD DATA BYTE ACK P
2637 F03
2ND DATA BYTE
INPUT WORD
3RD DATA BYTE
C3
1ST DATA BYTE
Input Word (LTC2637-10)
C2 C1 C0 A3 A2 A1 A0
D7
D8
D9
D6 D5 D4 D3 D2 D1 D0 X
X
X
X
X
X
2ND DATA BYTE
3RD DATA BYTE
C3
1ST DATA BYTE
Input Word (LTC2637-8)
C2 C1 C0 A3 A2 A1 A0
D5
D6
D7
D4 D3 D2 D1 D0 X
X
X
X
X
X
X
X
2ND DATA BYTE
3RD DATA BYTE
The LTC2637-LMI/ LTC2637-LMX/ LTC2637-LZ provides
a full-scale output of 2.5V. The LTC2637-HMI/ LTC2637-
HMX/ LTC2637-HZ provides a full-scale output of 4.096V.
The internal reference can be useful in applications where
the supply voltage is poorly regulated. Internal Reference
mode can be selected by using command 0110b, and is
the power-on default for LTC2637-HZ/ LTC2637-LZ, as
well as for LTC2637-HMI/ LTC2637-LMI.
The 10ppm/°C, 1.25V (LTC2637-LMI/ LTC2637-LMX/
LTC2637-LZ) or 2.048V (LTC2637-HMI/ LTC2637-HMX/
LTC2637-HZ) internal reference is available at the REF pin.
Adding bypass capacitance to the REF pin will improve
noise performance; and up to 10µF can be driven without
oscillation. The REF output must be buffered when driving
an external DC load current.
Alternatively, the DAC can operate in External Reference
modeusingcommand0111b.Inthismode,aninputvoltage
supplied externally to the REF pin provides the reference
(1V ≤ VREF ≤ VCC) and the supply current is reduced. The
external reference voltage supplied sets the full-scale DAC
output voltage. External Reference mode is the power-on
default for LTC2637-HMX/ LTC2637-LMX.
ThereferencemodeofLTC2637-HZ/LTC2637-LZ/LTC2637-
HMI/ LTC2637-LMI (internal reference power-on default),
can be changed by software command after power up. The
same is true for LTC2637-HMX/ LTC2637-LMX (external
reference power-on default).
Power-Down Mode
Forpower-constrainedapplications,power-downmodecan
be used to reduce the supply current whenever less than
eight DAC outputs are needed. When in power-down, the
buffer amplifiers, bias circuits, and integrated reference
circuits are disabled, and draw essentially zero current.
The DAC outputs are put into a high-impedance state, and
the output pins are passively pulled to ground through in-
dividual 200kΩ resistors. Input and DAC register contents
are not disturbed during power down.
Any DAC channel or combination of channels can be put
into power-down mode by using command 0100b in
combination with the appropriate DAC address, (n). The
supplycurrentisreducedapproximately10%foreachDAC
powered down. The integrated reference is automatically
powered down when external reference is selected using



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com