Electronic Components Datasheet Search
  English  ▼

X  

LTC2637 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2637
Description  Mobile Communications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2637 Datasheet HTML 16Page - Linear Technology LTC2637 Datasheet HTML 17Page - Linear Technology LTC2637 Datasheet HTML 18Page - Linear Technology LTC2637 Datasheet HTML 19Page - Linear Technology LTC2637 Datasheet HTML 20Page - Linear Technology LTC2637 Datasheet HTML 21Page - Linear Technology LTC2637 Datasheet HTML 22Page - Linear Technology LTC2637 Datasheet HTML 23Page - Linear Technology LTC2637 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC2637
0
2637fa
operation
Acknowledge
The Acknowledge (ACK) signal is used for handshaking
between the master and the slave. An ACK (active LOW)
generated by the slave lets the master know that the lat-
est byte of information was properly received. The ACK
related clock pulse is generated by the master. The master
releases the SDA line (HIGH) during the ACK clock pulse.
The slave-receiver must pull down the SDA bus line dur-
ing the ACK clock pulse so that it remains a stable LOW
during the HIGH period of this clock pulse. The LTC2637
responds to a write by a master in this manner but does
not acknowledge a read operation; in that case, SDA is
retained HIGH during the period of the ACK clock pulse.
Chip Address
The state of pins CA0, CA1 and CA2 (CA1 and CA2 are
only available on the MSOP package) determines the slave
address of the part. These pins can each be set to any
one of three states: VCC, GND or float. This results in 27
(MSOPPackage)or3(DFNPackage)selectableaddresses
for the part. The slave address assignments are shown
in Tables 1 and 2.
In addition to the address selected by the address pins,
the part also responds to a global address. This address
allows a common write to all LTC2637 parts to be ac-
complished using one 3-byte write transaction on the
I2C bus. The global address, listed at the end of Tables 1
and 2, is a 7-bit hardwired address not selectable by CA0,
CA1 or CA2. If another global address is required, please
consult the factory.
The maximum capacitive load allowed on the address pins
(CA0,CA1andCA2)is10pF,asthesepinsaredrivenduring
address detection to determine if they are floating.
Table 1. Slave Address Map (MSOP Package)
CA2
CA1
CA0
A6
A5
A4
A3
A2
A1
A0
GND
GND
GND
0
0
1
0
0
0
0
GND
GND
FLOAT
0
0
1
0
0
0
1
GND
GND
VCC
0
0
1
0
0
1
0
GND
FLOAT
GND
0
0
1
0
0
1
1
GND
FLOAT FLOAT
0
1
0
0
0
0
0
GND
FLOAT
VCC
0
1
0
0
0
0
1
GND
VCC
GND
0
1
0
0
0
1
0
GND
VCC
FLOAT
0
1
0
0
0
1
1
GND
VCC
VCC
0
1
1
0
0
0
0
FLOAT
GND
GND
0
1
1
0
0
0
1
FLOAT
GND
FLOAT
0
1
1
0
0
1
0
FLOAT
GND
VCC
0
1
1
0
0
1
1
FLOAT FLOAT
GND
1
0
0
0
0
0
0
FLOAT FLOAT FLOAT
1
0
0
0
0
0
1
FLOAT FLOAT
VCC
1
0
0
0
0
1
0
FLOAT
VCC
GND
1
0
0
0
0
1
1
FLOAT
VCC
FLOAT
1
0
1
0
0
0
0
FLOAT
VCC
VCC
1
0
1
0
0
0
1
VCC
GND
GND
1
0
1
0
0
1
0
VCC
GND
FLOAT
1
0
1
0
0
1
1
VCC
GND
VCC
1
1
0
0
0
0
0
VCC
FLOAT
GND
1
1
0
0
0
0
1
VCC
FLOAT FLOAT
1
1
0
0
0
1
0
VCC
FLOAT
VCC
1
1
0
0
0
1
1
VCC
VCC
GND
1
1
1
0
0
0
0
VCC
VCC
FLOAT
1
1
1
0
0
0
1
VCC
VCC
VCC
1
1
1
0
0
1
0
GLOBAL ADDRESS
1
1
1
0
0
1
1
Table 2. Slave Address Map (DFN Package)
CA0
A6
A5
A4
A3
A2
A1
A0
GND
0
0
1
0
0
0
0
FLOAT
0
0
1
0
0
0
1
VCC
0
0
1
0
0
1
0
GLOBAL ADDRESS
1
1
1
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com