Electronic Components Datasheet Search
  English  ▼

X  

LTC2637 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2637
Description  Mobile Communications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2637 Datasheet HTML 12Page - Linear Technology LTC2637 Datasheet HTML 13Page - Linear Technology LTC2637 Datasheet HTML 14Page - Linear Technology LTC2637 Datasheet HTML 15Page - Linear Technology LTC2637 Datasheet HTML 16Page - Linear Technology LTC2637 Datasheet HTML 17Page - Linear Technology LTC2637 Datasheet HTML 18Page - Linear Technology LTC2637 Datasheet HTML 19Page - Linear Technology LTC2637 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC2637

2637fa
pin Functions
VCC (Pin 1/Pin 1): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V
(LTC2637-L) or 4.5V ≤ VCC ≤ 5.5V (LTC2637-H). Bypass
to GND with a 0.1µF capacitor.
VOUTA to VOUTH (Pins 2–5, 10–13/Pins 2–5, 12–15): DAC
Analog Voltage Outputs.
CAO (Pin 6/Pin 7): Chip Address Bit 0. Tie this pin to VCC,
GND or leave it floating to select an I2C slave address for
the part (See Tables 1 and 2).
SCL (Pin 7/Pin 8): Serial Clock Input Pin. Data is shifted
into the SDA pin at the rising edges of the clock. This
high impedance pin requires a pull-up resistor or current
source to VCC.
SDA (Pin 8/Pin 9): Serial Data Bidirectional Pin. Data is
shifted into the SDA pin and acknowledged by the SDA
pin. This pin is high impedance while data is shifted in.
OpendrainN-channeloutputduringacknowledgment.SDA
requires a pull-up resistor or current source to VCC.
REF (Pin 9/Pin 11): Reference Voltage Input or Output.
When External Reference mode is selected, REF is an input
(1V ≤ VREF ≤ VCC) where the voltage supplied sets the
full-scale DAC output voltage. When Internal Reference
is selected, the 10ppm/°C 1.25V (LTC2637-L) or 2.048V
(LTC2637-H)internalreference(halffull-scale)isavailable
at the pin. This output may be bypassed to GND with up
to 10µF, and must be buffered when driving external DC
load current.
GND (Pin 14/Pin 16): Ground.
CA2 (Pin 6, MSOP only): Chip Address Bit 2. Tie this pin
to VCC, GND or leave it floating to select an I2C slave ad-
dress for the part (See Table 1).
CA1 (Pin 10, MSOP only): Chip Address Bit 1. Tie this
pin to VCC, GND or leave it floating to select an I2C slave
address for the part (See Table 1).
Exposed Pad (Pin 15, DFN Only): Ground. Must be
soldered to PCB Ground.
(DFN/MSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com