Electronic Components Datasheet Search
  English  ▼

X  

LTC2637 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2637
Description  Mobile Communications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2637 Datasheet HTML 20Page - Linear Technology LTC2637 Datasheet HTML 21Page - Linear Technology LTC2637 Datasheet HTML 22Page - Linear Technology LTC2637 Datasheet HTML 23Page - Linear Technology LTC2637 Datasheet HTML 24Page - Linear Technology LTC2637 Datasheet HTML 25Page - Linear Technology LTC2637 Datasheet HTML 26Page - Linear Technology LTC2637 Datasheet HTML 27Page - Linear Technology LTC2637 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC2637

2637fa
analog section of the ground plane. The resistance from
the LTC2637 GND pin to the ground plane should be as
low as possible. Resistance here will add directly to the
effective DC output impedance of the device (typically
0.1Ω). Note that the LTC2637 is no more susceptible to
this effect than any other parts of this type; on the con-
trary, it allows layout-based performance improvements
to shine rather than limiting attainable performance with
excessive internal resistance.
Another technique for minimizing errors is to use a sepa-
rate power ground return trace on another board layer.
The trace should run between the point where the power
supply is connected to the board and the DAC ground pin.
Thus the DAC ground pin becomes the common point for
analog ground, digital ground, and power ground. When
the LTC2637 is sinking large currents, this current flows
out the ground pin and directly to the power ground trace
without affecting the analog ground plane voltage.
It is sometimes necessary to interrupt the ground plane
to confine digital ground currents to the digital portion of
the plane. When doing this, make the gap in the plane only
as long as it needs to be to serve its purpose and ensure
that no traces cross over the gap.
operation
A6
A5 A4 A3 A2 A1 A0
W
C3
C3
ACK
SLAVE ADDRESS
ACK
ACK
ACK
C2 C1 C0 A3 A2 A1 A0
D11 D10 D9 D8 D7 D6 D5 D4
D3 D2 D1 D0
X
X
X
X
A6
START
STOP
FULL-SCALE
VOLTAGE
ZERO-SCALE
VOLTAGE
SDA
SCL
X = DON’T CARE
VOUT
A5 A4 A3
A2 A1 A0
C2 C1 C0 A3
A2 A1 A0
8
9
1
2
3
4
5
6
7
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
COMMAND/ADDRESS
MS DATA
LS DATA
2637 F04
Figure 4. Typical LTC2637 Input Waveform—Programming DAC Output for Full-Scale
Figure 5. Effects of Rail-to-Rail Operation On a DAC Transfer Curve (Shown for 12 Bits).
(a) Overall Transfer Function
(b) Effect of Negative Offset for Codes Near Zero
(c) Effect of Positive Full-Scale Error for Codes Near Full-Scale
2637 F04
INPUT CODE
(b)
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
0V
2,048
0
4,095
INPUT CODE
OUTPUT
VOLTAGE
(a)
VREF = VCC
VREF = VCC
(c)
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com