Electronic Components Datasheet Search
  English  ▼

X  

SN75DP120RHHT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP120RHHT
Description  DisplayPort 1:1 Dual-Mode Repeater
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP120RHHT Datasheet(HTML) 4 Page - Texas Instruments

  SN75DP120RHHT Datasheet HTML 1Page - Texas Instruments SN75DP120RHHT Datasheet HTML 2Page - Texas Instruments SN75DP120RHHT Datasheet HTML 3Page - Texas Instruments SN75DP120RHHT Datasheet HTML 4Page - Texas Instruments SN75DP120RHHT Datasheet HTML 5Page - Texas Instruments SN75DP120RHHT Datasheet HTML 6Page - Texas Instruments SN75DP120RHHT Datasheet HTML 7Page - Texas Instruments SN75DP120RHHT Datasheet HTML 8Page - Texas Instruments SN75DP120RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
CAD_SRC
HPD_SRC
1
GND
CAD_SINK
IN0p
VDD
HPD_SINK
GND
IN0n
VCC
OUT0p
CAD_INV
VCC
OUT0n
AUX_INp
2
3
4
5
6
7
8
11
10
12
13
14
15
16
17
35
36
34
33
32
31
30
29
26
27
24 23 22 21 20
25
SN75DP120
9
18
19
28
VCC
AUX_INn
LP#
SN75DP120
SLLSE08 – OCTOBER 2009
www.ti.com
RHH PACKAGE (TOP VIEW)
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
SIGNAL
NO.
MAIN LINK INPUT PINS
IN0p/n
34, 35
DisplayPort Main Link Channel 0 Differential Input
IN1p/n
2, 3
DisplayPort Main Link Channel 1 Differential Input
I[100Ω diff]
IN2p/n
5, 6
DisplayPort Main Link Channel 2 Differential Input
IN3p/n
8, 9
DisplayPort Main Link Channel 3 Differential Input
MAIN LINK OUTPUT PINS
OUT0p/n
30, 29
DisplayPort Main Link Channel 0 Differential Output
OUT1p/n
26, 25
DisplayPort Main Link Channel 1 Differential Output
O[100Ω diff]
OUT2p/n
23, 22
DisplayPort Main Link Channel 2 Differential Output
OUT3p/n
20, 19
DisplayPort Main Link Channel 3 Differential Output
HOT PLUG DETECT PINS
HPD_SRC
11
Hot Plug Detect Output to the DisplayPort Source
O[3.3V/0.9V SE]
The polarity and output level of HPD_SRC is set by the HPD_INV pin
HPD_SINK
15
I[CMOS] w/ 125kΩ Hot Plug Detect Input from DisplayPort Sink
pulldown
AUXILIARY DATA PINS
AUX_INp/n
17, 18
I/O
Bidirectional DisplayPort Auxiliary Data Line
CABLE ADAPTER DETECT PINS
CAD_SRC
12
O[CMOS]
Cable Adapter Detect Output to the DisplayPort Source
The polarity of CAD_SRC is set by the CAD_INV pin.
CAD_SINK
14
I [CMOS]
DisplayPort Cable Adapter Detect Input; No pulldown resistor on this pin.
CONTROL PINS(1)
LP#
33
I [CMOS]
Low Power Shutdown Mode
When LP# = H; Device in Active Mode
When LP# = L; Device in Shutdown mode. All main link outputs are disabled and pulled to
GND; Inputs ignored. HPD_SRC follows HPD_SINK.
An external capacitor may be required on this pin if it is connected to VCC by a pullup resistor.
See Application Information section.
(1)
(H) Logic High; (L) Logic Low
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN75DP120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com