Electronic Components Datasheet Search
  English  ▼

X  

SN75DP120RHHT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP120RHHT
Description  DisplayPort 1:1 Dual-Mode Repeater
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP120RHHT Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN75DP120RHHT Datasheet HTML 10Page - Texas Instruments SN75DP120RHHT Datasheet HTML 11Page - Texas Instruments SN75DP120RHHT Datasheet HTML 12Page - Texas Instruments SN75DP120RHHT Datasheet HTML 13Page - Texas Instruments SN75DP120RHHT Datasheet HTML 14Page - Texas Instruments SN75DP120RHHT Datasheet HTML 15Page - Texas Instruments SN75DP120RHHT Datasheet HTML 16Page - Texas Instruments SN75DP120RHHT Datasheet HTML 17Page - Texas Instruments SN75DP120RHHT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
SN75DP120
SLLSE08 – OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver output pre-emphasis 0 dB
VPRE(0)
All VOD levels
0
dB
Level
VOD = VODpp(1),
Driver output pre-emphasis
See Figure 3-3 in DP CTS1.1,
VPRE(1)
VODpp(2),
3.5
dB
3.5 dB Level
PRBS7 pattern at 1.67 Gbps and 2.7
VODpp(3)
Gbps,
Driver output pre-emphasis
VOD = VODpp(1),
Measured at TP1
VPRE(2)
6.0
dB
6 dB level
VODpp(2)
Driver output pre-emphasis
VPRE(3)
VOD = VODpp(1)
9.5
dB
9.5 dB level
Driver output pre-emphasis
VPRE2(0)
Measured at TP2
0
dB
0dB level
ΔVPRE1
2.5
dB
Measured at TP2,
ΔVPRE2
Pre-emphasis delta
At each supported pre-emphasis level:
1.9
dB
Δ VPREn = VPRE2(n+1) - VPRE2(n)
ΔVPRE3
1.9
dB
Pre-emphasis non-transition
All supported pre-emphasis levels,
VPRE_NPP
40
mV-pp
peak-to-peak voltage range
Measured at TP2
ROUT2
Driver output impedance
40
50
60
Ω
RINT
Input termination impedance
40
50
60
Ω
VIterm
Input termination voltage
0
2
V
VOterm
Output common mode voltage
0
2
V
Measured at 1.62Gbps and 2.7Gbps (All output and pre-
VTXACCM
Output AC common mode voltage
emphasis levels),
20
mVrms
Measured at TP2
ITXSHORT
Output short circuit current limit
OUT pins shorted to GND
50
mA
IRXSHORT
Input short circuit current limit
IN pins shorted to GND
50
mA
SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential Output edge rate
No pre-emphasis, 800mV differential swing,
tR/F(DP)
60
150
ps
(20%–80%)
Measured at TP1, PRBS7
dR = 2.7Gbps, No pre-emphasis, 800 mV differential voltage
tPD(ML)
Propagation delay time
450
ps
swing, See Figure 9
dR = 2.7Gbps, No pre-emphasis, 800 mV differential voltage
tSK(1)
Output Intra-pair skew
15
ps
swing, PRBS7, See Figure 10
dR = 2.7Gbps, No pre-emphasis, 800 mV differential voltage
tSK(2)
Output Inter-pair skew(1)
40
ps
swing, PRBS7
No pre-emphasis, All levels differential
dR = 2.7 Gbps
10
Peak-to-peak output residual jitter at
voltage swing, PRBS7. Vid = 400 mVpp
tDPJIT1(PP)
ps
Pkg Pins
dR = 1.62 Gbps
10
TTP3-TTP2 in Figure 11
No pre-emphasis, All levels differential
dR = 2.7 Gbps
0.08
voltage swing, PRBS7. Vid = 400 mVpp,
tDPJIT2(PP)
Peak-to-peak output residual jitter
UI
dR = 1.62 Gbps
0.06
TTP4-TTP1 in Figure 11
dR = 2.7 Gbps
100
Intra-pair skew at the input package
tSK(in)
ps
pins
dR = 1.62 Gbps
300
dR = 2.25 Gbps, CAD_SINK = H , Input Vid = 600 mVp-p,
Peak-to-peak output residual jitter at
TTMDSJIT1(PP)
10
ps
Pkg Pins
No pre-emphasis, See Figure 12
dR = 2.25 Gbps CAD_SINK = H, Input Vid = 600 mVp-p,
TTMDSJIT2(PP)
Peak-to-peak output residual jitter
0.1
UI
No pre-emphasis, See Figure 12
(1)
tSK(2) is the magnitude of the time difference between tPD(ML) of any two mainlink outputs on a single device.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN75DP120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com