Electronic Components Datasheet Search
  English  ▼

X  

SN75DP120RHHT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP120RHHT
Description  DisplayPort 1:1 Dual-Mode Repeater
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP120RHHT Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN75DP120RHHT Datasheet HTML 13Page - Texas Instruments SN75DP120RHHT Datasheet HTML 14Page - Texas Instruments SN75DP120RHHT Datasheet HTML 15Page - Texas Instruments SN75DP120RHHT Datasheet HTML 16Page - Texas Instruments SN75DP120RHHT Datasheet HTML 17Page - Texas Instruments SN75DP120RHHT Datasheet HTML 18Page - Texas Instruments SN75DP120RHHT Datasheet HTML 19Page - Texas Instruments SN75DP120RHHT Datasheet HTML 20Page - Texas Instruments SN75DP120RHHT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Data+
Data-
Clk+
Clk-
Video
Pattern
Generator
600mVpp
Coax
Coax
Coax
Coax
Coax
Coax
Coax
Coax
SMA
GND
RT
RT
RT
RT
Jitter Test
Instrument
TTP1
RX
+ EQ
OUT
Jitter Test
Instrument
SMA
SMA
SMA
13”
5”
RT = 50 W
GND
SMA
SMA
SMA
SMA
SN75DP120
TTP2
TTP3
TTP4
RX
OUT
+ EQ
0
10
20
30
40
50
60
70
0
5
10
15
20
25
InputTraceLength(inches)[width=4mil]
1.62Gbps,400mVpp,3.5dB
1.62Gbps,400mVpp,6dB
1.62Gbps,400mVpp,9.5dB
1.62Gbps,800mVpp,0dB
2.7Gbps,400mVpp,0dB
2.7Gbps,400mVpp,3.5dB
2.7Gbps,400mVpp,6dB
2.7Gbps,400mVpp,9.5dB
2.7Gbps,800mVpp,0dB
1.62Gbps,400mVpp,0dB
SN75DP120
www.ti.com
SLLSE08 – OCTOBER 2009
(1)
All jitter measured at BER of 10-e9.
(2)
Residual jitter reflects the total jitter measured at TTP4 minus the jitter at TTP1.
(3)
Input trace of 13 inches represents 6 inches trace, connector, and additional 6 inches of trace.
(4)
Output trace of 5 inches represents 2 inches of trace, connector, and 2 inches of trace.
(5)
Input edge rate from Video Pattern Generator is 50ps (20%–80%) with output level 600mVpp.
(6)
CAD_SINK is H and DP120 output levels are set to 600mVp-p level.
Figure 12. Jitter Measurement Setup – TMDS Mode
TYPICAL CHARACTERISTICS
Figure 13. Output Jitter vs Input Trace Length
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): SN75DP120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com