Electronic Components Datasheet Search
  English  ▼

X  

SN75DP120RHHT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP120RHHT
Description  DisplayPort 1:1 Dual-Mode Repeater
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP120RHHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75DP120RHHT Datasheet HTML 4Page - Texas Instruments SN75DP120RHHT Datasheet HTML 5Page - Texas Instruments SN75DP120RHHT Datasheet HTML 6Page - Texas Instruments SN75DP120RHHT Datasheet HTML 7Page - Texas Instruments SN75DP120RHHT Datasheet HTML 8Page - Texas Instruments SN75DP120RHHT Datasheet HTML 9Page - Texas Instruments SN75DP120RHHT Datasheet HTML 10Page - Texas Instruments SN75DP120RHHT Datasheet HTML 11Page - Texas Instruments SN75DP120RHHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SN75DP120
SLLSE08 – OCTOBER 2009
www.ti.com
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX (1)
UNIT
RθJB
Junction-to-board thermal
4x4 Thermal vias under PowerPAD
4.35
°C/W
resistance
RθJC
Junction-to-case thermal
20.3
°C/W
resistance
PN
Device power in Active Mode
LP# = VCC, ML: VOD = 1200mVp-p, 2.7Gbps PRBS;
720
mW
AUX: VID = 1000mVp-p, 1Mbps
PRBS; VDD= 3.6V, VCC=3.6V Highest power level. All lanes
running at largest VOD swing.
Device Power under D3
LP# = VCC, ML: VID = 0mVp-p, AUX: VID = 0mVp-p;
44
mW
PPDWN
Power Down Mode or
VDD= 3.6V, VCC=3.6V
Standby
Device power dissipation in
LP# = 0V, VDD= 3.6V, VCC=3.6V, HPD_INV = NC, 0V
40
µW
PLP
Shutdown mode
LP# = 0V, VDD= 3.6V, VCC=3.6, HPD_INV=VCC
2.5
mW
(1)
The maximum rating is simulated under VDD, VCC = 3.6V.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VDD
HPD_SRC and CAD_SRC reference voltage; HPD_SRC Ref voltage only when
1.62
3.6
V
HPD_INV = 0V
VCC
Supply voltage
3
3.3
3.6
V
TA
Operating free-air temperature
0
85
°C
MAIN LINK DIFFERENTIAL PINS (INX, OUTX)
VID
Peak-to-peak input differential voltage
0.20
1.40
Vp-p
dR
Data rate
2.7
Gbps
Rt
Termination resistance
40
50
60
Ω
VCM
Output common mode voltage
0
2
V
AUXILIARY PINS (AUX_IN)
VI
Input voltage
0
5.25
V
dR(AUX)
Auxiliary data rate
1
Mbps
HPD_SINK AND CAD_SINK
VIH
High-level input voltage
1.9
3.6
V
VIL
Low-level input voltage
0
0.8
V
CONTROL PINS (LP#, HPD_INV, CAD_INV)
VIH
High-level input voltage
1.9
3.6
V
VIL
Low-level input voltage
0
0.8
V
DEVICE POWER
The SN75DP120 main and AUX link is designed to run from a single supply voltage of 3.3V. However since the
device has a built in level shifter, another supply voltage (VDD) is needed to set the voltage level of HPD_SRC
and CAD_SRC pins.
NOTE
An external capacitor may be required on LP# pin if that pin is tied to the supply
through a pullup resistor. The capacitor specifies a proper power on reset for the
device. See Applications section for recommended resistor and capacitor values.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN75DP120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com