Electronic Components Datasheet Search
  English  ▼

X  

SN75DP120RHHT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP120RHHT
Description  DisplayPort 1:1 Dual-Mode Repeater
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP120RHHT Datasheet(HTML) 5 Page - Texas Instruments

  SN75DP120RHHT Datasheet HTML 1Page - Texas Instruments SN75DP120RHHT Datasheet HTML 2Page - Texas Instruments SN75DP120RHHT Datasheet HTML 3Page - Texas Instruments SN75DP120RHHT Datasheet HTML 4Page - Texas Instruments SN75DP120RHHT Datasheet HTML 5Page - Texas Instruments SN75DP120RHHT Datasheet HTML 6Page - Texas Instruments SN75DP120RHHT Datasheet HTML 7Page - Texas Instruments SN75DP120RHHT Datasheet HTML 8Page - Texas Instruments SN75DP120RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ShutDown
Mode
LP# high
Powerup
LP#=0
Standby
Mode
LP# low
ActiveMode
CAD=0 -> DP
CAD=1 -> TMDS
D3 pwr
downmode
enterD3
AUXcmd
ExitD3
AUXcmd
OR
HPD_SINK
LowtoHigh
transition
LP# low
LP# low
HPD_SINKlow
for >tT(HPD)
HPD_SINK
High AND
AUXLink
TrainingStarted
HPD_SINKlow
for >tT(HPD)
Output
Disable
Mode
invalidDPCD
registerentry
DPCDregister
corrected
any
stat
e
SN75DP120
www.ti.com
SLLSE08 – OCTOBER 2009
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
SIGNAL
NO.
CAD_INV
31
I [CMOS] w/ weak
CAD output polarity Inversion
pulldown
When CAD_INV = H; CAD_SRC is INVERSE logic of CAD_SINK
When CAD_INV = L; CAD_SRC is NON-INVERSE logic of CAD_SINK
HPD_INV
27
I [CMOS] w/ weak
HPD output polarity Inversion
pulldown
When HPD_INV = H; HPD_SRC is set to INVERSE logic of HPD_SINK, and HPD_SRC VOH is
fixed at 0.8V to 1.1V, i.e. not referenced to VDD
When HPD_INV = L; HPD_SRC is set to NON-INVERSE logic of HPD_SINK, and HPD_SRC
VOH is referenced to VDD
SUPPLY AND GROUND PINS
VDD
10
HPD_SRC (when HPD_INV = H) and CAD_SRC Supply
VCC
4, 16, 24,
3.3V Supply
28, 36
GND
1, 7, 13,
Ground
21, 32
STATUS DETECT AND OPERATING MODES FLOW DIAGRAM
The SN75DP120 switches between power saving and active modes in the following way:
Figure 1. SN75DP120 Operational Modes Flow Chart
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN75DP120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com