Electronic Components Datasheet Search
  English  ▼

X  

SN75DP120RHHT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP120RHHT
Description  DisplayPort 1:1 Dual-Mode Repeater
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP120RHHT Datasheet(HTML) 1 Page - Texas Instruments

  SN75DP120RHHT Datasheet HTML 1Page - Texas Instruments SN75DP120RHHT Datasheet HTML 2Page - Texas Instruments SN75DP120RHHT Datasheet HTML 3Page - Texas Instruments SN75DP120RHHT Datasheet HTML 4Page - Texas Instruments SN75DP120RHHT Datasheet HTML 5Page - Texas Instruments SN75DP120RHHT Datasheet HTML 6Page - Texas Instruments SN75DP120RHHT Datasheet HTML 7Page - Texas Instruments SN75DP120RHHT Datasheet HTML 8Page - Texas Instruments SN75DP120RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Computer/Notebook/DockingStation
GPU
SN75DP120
FullyBuffered
Solution
DisplayPort
Enabled
MonitororHDTV
DP++
DP++
SN75DP120
www.ti.com
SLLSE08 – OCTOBER 2009
DisplayPort 1:1 Dual-Mode Repeater
Check for Samples: SN75DP120
1
FEATURES
•
Enhanced ESD: 11 kV HBM on All Pins
•
DP Signal Repeater Supporting Dual-Mode
•
Enhanced Commercial Temperature Range:
DisplayPort DP1.1a (DP++) Signaling
0°C to 85°C
•
Supports Data Rates up to 2.7Gbps
•
36 Pin 6 × 6 QFN Package
•
Participates in DP Link Training to set Output
APPLICATIONS
Voltage and Pre-Emphasis Levels
•
Personal Computer Market
•
Automatic Selectable Equalization for
–
Desktop PC
Improved Signal Integrity
–
Notebook PC
•
Integrated HPD Inversion and Level
–
PC Docking Station
Translation Required on Some Source
–
PC Standalone Video Card
Platforms
DESCRIPTION
The SN75DP120 is a single port Dual-Mode DisplayPort (DP++) repeater that regenerates the DP high speed
digital link.
Four levels of differential output voltage swing (VOD) and four levels of pre-emphasis are supported in
accordance with the DisplayPort specification version 1.1a.The device monitors the AUX channel and
automatically adjusts the output signaling levels in response to link training commands. The SN75DP120 also
supports multiple selectable levels of equalization to provide improved signal integrity in cases where the input
link has a high level of loss. The equalization level will be automatically selected based on link training. The
equalization in the DP120 is optimized to compensate losses of up to 6dB for frequencies up to 1.35GHz. This
corresponds to approximately 18–24 inches of FR4 trace with 4–6mil width.
A built in level translator for the hot plug detect (HPD) line and level translator / inverter for the cable adapter
detect line (CAD) allow for a reduction of the overall circuitry needed for a DisplayPort source system.
When not in use, the SN75DP120 device supports an ultra low power shutdown mode. In this mode the main link
outputs are disabled and pulled to GND, and the device draws less then 40 µW of power.
The device is characterized for an extended operational temperature range from 0°C to 85°C.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75DP120RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQR TI1-SN75DP122ARTQR Datasheet
1Mb / 37P
DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQT TI1-SN75DP122ARTQT Datasheet
1Mb / 37P
DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122RTQR TI1-SN75DP122RTQR Datasheet
953Kb / 37P
DisplayPort 1:2 Switch With Integrated TMDS Translator
More results

Similar Description - SN75DP120RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
DisplayPort 1:2 Switch
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
DisplayPort 1:1 Repeater
SN75DP118 TI-SN75DP118_1 Datasheet
717Kb / 18P
DisplayPort 1:1 Repeater
SN75DP119 TI1-SN75DP119 Datasheet
1Mb / 23P
DisplayPort 1:1 Signal Repeater and Signal Conditioner
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN75DP119 TI1-SN75DP119_14 Datasheet
1Mb / 28P
DisplayPort 1:1 Signal Repeater and Signal Conditioner
logo
IOGEAR
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com