Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA64A1 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 61Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 62Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 63Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 64Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 65Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 66Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 67Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 68Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
65
8067I–AVR–04/09
XMEGA A1
ICC
Power-down mode
All Functions Disabled
V
CC = 3.0V
0.1
µA
All Functions Disabled, T = 85°C
V
CC = 3.0V
2
ULP, WDT, Sampled BOD
VCC = 1.8V
1.1
V
CC = 3.0V
1.2
ULP, WDT, Sampled BOD, T=85°C
VCC = 3.0V
TBD
Power-save mode
RTC 1.024 kHz from Low Power
32.768 kHz TOSC
VCC = 1.8V
0.55
V
CC = 3.0V
0.65
RTC from Low Power 32.768 kHz
TOSC
VCC = 1.8V
0.55
VCC = 3.0V
1.15
Reset Current
Consumption
VCC = 3.0V
TBD
Module current consumption(2)
ICC
RC32M
395
µA
RC2M
120
RC2M w/DFLL
Internal 32.768 kHz oscillator as DFLL source
155
RC32K
30
EXT CLK
TBD
PLL
Multiplication factor = 10x
195
External Clock Source
Fail Monitor
TBD
Watchdog normal mode
1
BOD Continuous mode
120
BOD Sampled mode
1
Internal 1.00 V ref
85
Temperature reference
80
RTC with int. 32 kHz RC
as source
No prescaling
30
RTC with ULP as source
No prescaling
1
RTC with 1 kHz TOSC as
source
No prescaling
TBD
ADC
250 ksps in free running mode, internal 1.00V ref.
3.6
mA
DAC Normal Mode
Single channel, Internal 1.00V reference
TBD
DAC Low-Power Mode
Single channel, Internal 1.00V reference
TBD
DAC S/H
Internal 1.00V reference, Refresh 16CLK
2.3
DAC Low-Power Mode
S/H
Internal 1.00V reference, Refresh 16CLK
TBD
Table 33-1.
Current Consumption (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com