Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA64A1 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 78Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 79Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 80Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 81Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 82Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 83Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 84Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 85Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
82
8067I–AVR–04/09
XMEGA A1
Figure 34-23. Internal 2 MHz Oscillator CalA Calibration Step Size
T = -40 to 85
°C, V
CC = 3V
Figure 34-24. Internal 2 MHz Oscillator CalB Calibration Step Size
T = -40 to 85
°C, V
CC = 3V
0
0.001
0.002
0.003
0.004
0.005
0.006
020
40
60
80100
120
140
CALA [LSB]
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0
1020
3040
5060
70
CALB [LSB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com