Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA64A1 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 16Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 17Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 18Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 23Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 99 page
background image
20
8067I–AVR–04/09
XMEGA A1
Figure 10-1. Clock system overview
Each clock source is briefly described in the following sub-sections.
10.3
Clock Options
10.3.1
32 kHz Ultra Low Power Internal Oscillator
The 32 kHz Ultra Low Power (ULP) Internal Oscillator is a very low power consumption clock
source. It is used for the Watchdog Timer, Brown-Out Detection and as an asynchronous clock
source for the Real Time Counter. This oscillator cannot be used as the system clock source,
and it cannot be directly controlled from software.
10.3.2
32.768 kHz Calibrated Internal Oscillator
The 32.768 kHz Calibrated Internal Oscillator is a high accuracy clock source that can be used
as the system clock source or as an asynchronous clock source for the Real Time Counter. It is
calibrated during production to provide a default frequency which is close to its nominal
frequency.
32 MHz
Run-time Calibrated
Internal Oscillator
32 kHz ULP
Internal Oscillator
32.768 kHz
Calibrated Internal
Oscillator
32.768 KHz
Crystal Oscillator
0.4 - 16 MHz
Crystal Oscillator
2 MHz
Run-Time Calibrated
Internal Oscillator
External
Clock Input
CLOCK CONTROL
UNIT
with PLL and
Prescaler
WDT/BOD
clkULP
RTC
clkRTC
EVSYS
PERIPHERALS
ADC
DAC
PORTS
...
clkPER
DMA
INTERRUPT
RAM
NVM MEMORY
FLASH
EEPROM
CPU
clkCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com