Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA64A1 Datasheet(PDF) 90 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 86Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 87Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 88Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 89Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 90Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 91Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 92Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 93Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 99 page
background image
90
8067I–AVR–04/09
XMEGA A1
14. Flash Power Reduction Mode can not be enabled when entering sleep mode
If Flash Power Reduction Mode is enabled when entering Power-save or Extended Standby
sleep mode, the device will only wake up on every fourth wake-up request.
If Flash Power Reduction Mode is enabled when entering Idle sleep mode, the wake-up time
will vary with up to 16 CPU clock cycles.
Problem fix/Workaround
Disable Flash Power Reduction mode before entering sleep mode.
15. JTAG enable does not override Analog Comparator B output
When JTAG is enabled this will not override the Anlog Comparator B (ACB)ouput, AC0OUT
on pin 7 if this is enabled.
Problem fix/Workaround
AC0OUT for ACB should not be enabled when JTAG is used. Use only analog comparator
output for ACA when JTAG is used, or use the PDI as debug interface.
16. Bandgap measurement with the ADC is non-functional when V
CC is below 2.7V
The ADC cannot be used to do bandgap measurements when V
CC is below 2.7V.
Problem fix/Workaround
If internal voltages must be measured when V
CC is below 2.7V, measure the internal 1.00V
reference instead of the bandgap.
17. DAC refresh may be blocked in S/H mode
If the DAC is running in Sample and Hold (S/H) mode and conversion for one channel is
done at maximum rate (i.e. the DAC is always busy doing conversion for this channel), this
will block refresh signals to the second channel.
Problem fix/Workarund
When using the DAC in S/H mode, ensure that none of the channels is running at maximum
conversion rate, or ensure that the conversion rate of both channels is high enough to not
require refresh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com