Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA64A1 Datasheet(PDF) 84 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 80Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 81Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 82Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 83Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 84Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 85Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 86Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 87Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 99 page
background image
84
8067I–AVR–04/09
XMEGA A1
35. Errata
35.1
ATxmega128A1 rev. H
• Bandgap voltage input for the ACs cannot be changed when used for both ACs simultaneously
• DAC is nonlinear and inaccurate when reference is above 2.4V or V
CC - 0.6V
• ADC gain stage output range is limited to 2.4V
• The ADC has up to ±2 LSB inaccuracy
• TWI, a general address call will match independent of the R/W-bit value
• TWI, the minimum I2C SCL low time could be violated in Master Read mode
• TWI, the address-mask features is missing
• Setting HIRES PR bit makes PWM output unavailable
• BOD will be enabled after any reset
• Propagation delay analog Comparator increasing to 2 ms at -40°C
• Sampled BOD in Active mode will cause noise when bandgap is used as reference
• Default setting for SDRAM refresh period too low
• Flash Power Reduction Mode can not be enabled when entering sleep mode
• JTAG enable does not override Analog Comparator B output
• Bandgap measurement with the ADC is non-functional when V
CC is below 2.7V
• DAC refresh may be blocked in S/H mode
1.
Bandgap voltage input for the ACs cannot be changed when used for both ACs
simultaneously
If the bandgap voltage is selected as input for one Analog Comparator (AC) and then
selected/deselected as input for the another AC, the first comparator will be affected for up
to 1 us and could potentially give a wrong comparison result.
Problem fix/Workaround
If the Bandgap is required for both ACs simultaneously, configure the input selection for both
ACs before enabling any of them.
2.
DAC is nonlinear and inaccurate when reference is above 2.4V or Vcc-0.6V
Using the DAC with a reference voltage above 2.4V or Vcc-0.6Vgive inaccurate output when
converting codes that give below 0.75V output:
– ±10 LSB for continuous mode
– ±20 LSB for Sample and Hold mode
Problem fix/Workaround
None, avoid using a voltage reference above 2.4V or Vcc-0.6V
3.
ADC gain stage output range is limited to 2.4 V
The amplified output of the ADC gain stage will never go above 2.4 V, hence the differential
input will only give correct output when below 2.4 V/gain. For the available gain settings, this
gives a differential input range of
:
–
1x
gain:
2.4
V
–
2x
gain:
1.2
V
–
4x
gain:
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com