Electronic Components Datasheet Search
  English  ▼

X  

MAX4701 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4701
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4701 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4701 Datasheet HTML 3Page - Maxim Integrated Products MAX4701 Datasheet HTML 4Page - Maxim Integrated Products MAX4701 Datasheet HTML 5Page - Maxim Integrated Products MAX4701 Datasheet HTML 6Page - Maxim Integrated Products MAX4701 Datasheet HTML 7Page - Maxim Integrated Products MAX4701 Datasheet HTML 8Page - Maxim Integrated Products MAX4701 Datasheet HTML 9Page - Maxim Integrated Products MAX4701 Datasheet HTML 10Page - Maxim Integrated Products MAX4701 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Detailed Description
The MAX4699/MAX4701 are low-voltage CMOS analog
switches that operate from a single +1.8V to +5.5V
power supply. The MAX4702 requires an additional
logic supply that allows for setting lower logic thresh-
olds. The MAX4699/MAX4701 are double-pole/double-
throw (DPDT) devices. The MAX4702 is a quad
single-pole/double-throw (SPDT) device. These devices
feature a break-before-make switching, fast switching
speeds (with V+ = 5V: tON = 18ns max, tOFF = 9ns max
and with V+ = 3V: tON = 35ns, tOFF = 20) and rail-to-rail
signal handling. A logic input on the MAX4702 allows
for logic thresholds as low as 1.0V.
Applications Information
Analog Signal Levels
Analog signals that range over the entire supply voltage
(V+ to GND) can be passed with very little change in on-
resistance (see
Typical Operating Characteristics). The
switches are bidirectional, so the NO, NC, and COM pins
can be used as either inputs or outputs.
_______________________________________________________________________________________
7
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
Pin Description
TQFN-EP PIN
TSSOP PIN
MAX4699/
MAX4701
MAX4702
MAX4701
MAX4702
NAME
FUNCTION
1
1
3
3
NC1
Analog Switch 1—Normally Closed Terminal
—
2
—
4
IN
Digital Control Input Switch 1, 2, 3, and 4
2
—
4
—
IN1, IN2
Digital Control Input Switch 1 and 2
3
3
5
5
NO2
Analog Switch 2—Normally Open Terminal
4
4
6
6
COM2
Analog Switch 2—Common Terminal
5
5
7
7
NC2
Analog Switch 2—Normally Closed Terminal
6
6
8
8
GND
Ground
7
7
9
9
NO3
Analog Switch 3—Normally Open Terminal
8
8
10
10
COM3
Analog Switch 3—Common Terminal
9
9
11
11
NC3
Analog Switch 3—Normally Closed Terminal
—
10
—
12
VL
Logic Power-Supply Input
10
—
12
—
IN3, IN4
Digital Control Input Switch 3 and 4
11
11
13
13
NO4
Analog Switch 4—Normally Open Terminal
12
12
14
14
COM4
Analog Switch 4—Common Terminal
13
13
15
15
NC4
Analog Switch 4—Normally Closed Terminal
14
14
16
16
V+
Positive Supply Voltage Input
15
15
1
1
NO1
Analog Switch 1—Normally Open Terminal
16
16
2
2
COM1
Analog Switch 1—Common Terminal
—
—
—
—
EP
Exposed Pad (TQFN Only). Connect EP to GND.
POSITIVE SUPPLY
COM
NO
D2
D1
GND
Vg
V+
MAX4699
MAX4701
MAX4702
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com