Electronic Components Datasheet Search
  English  ▼

X  

MAX4701 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4701
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4701 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4701 Datasheet HTML 3Page - Maxim Integrated Products MAX4701 Datasheet HTML 4Page - Maxim Integrated Products MAX4701 Datasheet HTML 5Page - Maxim Integrated Products MAX4701 Datasheet HTML 6Page - Maxim Integrated Products MAX4701 Datasheet HTML 7Page - Maxim Integrated Products MAX4701 Datasheet HTML 8Page - Maxim Integrated Products MAX4701 Datasheet HTML 9Page - Maxim Integrated Products MAX4701 Datasheet HTML 10Page - Maxim Integrated Products MAX4701 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Power-Supply Sequencing and
Overvoltage Protection
Caution: Do not exceed the absolute maximum rat-
ings because stresses beyond the listed ratings
may cause permanent damage to the devices.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals, especially if the analog signal is not cur-
rent limited. If this sequencing is not possible, and if the
analog inputs are not current limited to <20mA, add a
small-signal diode (D1) as shown in Figure 1. If the ana-
log signal can dip below GND, add D2. Adding protec-
tion diodes reduces the analog range to a diode drop
(about 0.7V) below V+ (for D1), and a diode drop above
ground (for D2). On-resistance increases slightly at low
supply voltages. Maximum supply voltage (V+) must not
exceed +6V.
Adding protection diode D2 causes the logic threshold
to be shifted relative to GND. TTL compatibility is not
guaranteed when D2 is added.
Protection diodes D1 and D2 also protect against some
overvoltage situations. With Figure 1’s circuit, if the sup-
ply voltage is below the absolute maximum rating, and
if a fault voltage up to the absolute maximum rating is
applied to an analog signal pin, no damage will result.
VL Logic Input (MAX4702)
The MAX4702 features a VL logic input that allows for
lower logic input thresholds down to 1.0V min for VIH in
the quad SPDT configuration. Power-up VL after V+ has
been powered with a minimum of 1.5V to ensure proper
operation of the device.
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
8
_______________________________________________________________________________________
tr < 5ns
tf < 5ns
50%
VIL
LOGIC
INPUT
RL
300
Ω
COM_
GND
IN_
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VN_
(
RL
)
RL + RON
VN_
VIH
tOFF
0
NO_
OR NC_
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
35pF
V+
VOUT
MAX4699
MAX4701
MAX4702
Figure 2. Switching Time
50%
VIH
VIL
LOGIC
INPUT
VOUT
0.9 x VOUT
tD
LOGIC
INPUT
RL
300
Ω
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NO_
IN_
NC_
VOUT
V+
V+
CL
35pF
VN_
COM_
MAX4699
MAX4701
MAX4702
Figure 3. Break-Before-Make Interval
Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com