Electronic Components Datasheet Search
  English  ▼

X  

MAX4701 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4701
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4701 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4701 Datasheet HTML 1Page - Maxim Integrated Products MAX4701 Datasheet HTML 2Page - Maxim Integrated Products MAX4701 Datasheet HTML 3Page - Maxim Integrated Products MAX4701 Datasheet HTML 4Page - Maxim Integrated Products MAX4701 Datasheet HTML 5Page - Maxim Integrated Products MAX4701 Datasheet HTML 6Page - Maxim Integrated Products MAX4701 Datasheet HTML 7Page - Maxim Integrated Products MAX4701 Datasheet HTML 8Page - Maxim Integrated Products MAX4701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
_______________________________________________________________________________________
5
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted. VL = +1.5V for MAX4702 only)
0
20
10
30
40
50
60
70
80
90
100
110
120
01
3
5
ON-RESISTANCE vs. COM VOLTAGE
OVER SUPPLY VOLTAGE
VCOM (V)
24
V+ = +1.8V
V+ = +2.7V
V+ = +3.3V
V+ = +5V
ICOM = 10mA
0
10
20
30
40
50
60
70
80
0
1.0
0.5
1.5
2.0
2.5
ON-RESISTANCE vs. COM VOLTAGE
OVER TEMPERATURE (V+ = +2.7V)
VCOM (V)
TA = +25
°C
TA = +85
°C
TA = -40
°C
V+ = +2.7V
ICOM = 10mA
0
20
10
40
30
50
60
0
1.5
2.0
0.5
1.0
2.5
3.0
ON-RESISTANCE vs. COM VOLTAGE
OVER TEMPERATURE (V+ = +3.3V)
VCOM (V)
TA = +25
°C
TA = +85
°C
TA = -40
°C
V+ = +3.3V
ICOM = 10mA
40
30
20
10
0
02
1
345
ON-RESISTANCE vs. COM VOLTAGE
OVER TEMPERATURE (V+ = +5V)
VCOM (V)
TA = +25
°C
TA = +85
°C
TA = -40
°C
V+ = +5V
ICOM = 10mA
1000
100
10
1
0.1
-40
20
-20
0
40
60
80
ON-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +2.7V
1000
100
10
1
0.1
-40
20
-20
0
40
60
80
OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +2.7V
0
1
3
2
4
5
02
13
4
5
CHARGE INJECTION vs. COM VOLTAGE
OVER SUPPLY VOLTAGE
VCOM (V)
ICOM = 10mA
V+ = +5V
V+ = +3V
0.001
0.1
0.01
10
1
100
1000
-40
20
40
-20
0
60
80
SUPPLY CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
0.000001
0.0001
0.00001
0.1
0.01
0.001
100
10
1
1000
0
1.0
0.5
1.5
2.0
2.5
SUPPLY CURRENT vs.
LOGIC INPUT VOLTAGE
LOGIC INPUT VOLTAGE (V)
MAX4701
V+ = +2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com