Electronic Components Datasheet Search
  English  ▼

X  

MAX4701 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4701
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4701 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4701 Datasheet HTML 1Page - Maxim Integrated Products MAX4701 Datasheet HTML 2Page - Maxim Integrated Products MAX4701 Datasheet HTML 3Page - Maxim Integrated Products MAX4701 Datasheet HTML 4Page - Maxim Integrated Products MAX4701 Datasheet HTML 5Page - Maxim Integrated Products MAX4701 Datasheet HTML 6Page - Maxim Integrated Products MAX4701 Datasheet HTML 7Page - Maxim Integrated Products MAX4701 Datasheet HTML 8Page - Maxim Integrated Products MAX4701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX4699/MAX4701/MAX4702 are low-voltage,
single-supply CMOS analog switches. The MAX4699/
MAX4701 are dual double-pole/double-throw (DPDT)
switches with two control inputs that control two
single-pole/double-throw (SPDT) switches each. The
MAX4702 is a quad SPDT switch with one control input
and one low-voltage digital logic power supply.
These devices operate from a single +1.8V to +5.5V
power supply. When powered from a +2.7V supply the
MAX4699/MAX4701/MAX4702 offer a 75
Ω on-resis-
tance (RON), with 12
Ω max RON flatness and 4Ω max
matching between channels. Each switch has rail-to-rail
signal handling, fast switching speeds of tON = 35ns,
tOFF = 20ns, and a maximum 1nA of leakage current.
The MAX4699/MAX4701 digital inputs are 1.8V-logic
compatible when operated from a +3V supply. The
MAX4702’s digital inputs feature a 1.0V threshold when
powered with a 1.5V logic supply.
The MAX4699 is available in a space-saving 16-lead
4mm x 4mm TQFN package. The MAX4701/MAX4702
are available in space-saving 16-lead 3mm x 3mm TQFN
16-pin TSSOP packages.
Applications
Audio and Video Signal Routing
Cellular Phones
Battery-Operated Equipment
Communications Circuits
Modems
Features
♦ 3mm x 3mm and 4mm x 4mm 16-Pin TQFN
Packages
♦ Guaranteed On-Resistance:
75Ω (max) (+3V Supply)
40Ω (max) (+5V Supply)
♦ Guaranteed Match Between Channels:
4Ω max
♦ Guaranteed Flatness Over Signal Range:
12Ω max
♦ Low Leakage Currents Over Temperature:
1nA Max at +85°C
♦ Fast Switching: tON = 35ns, tOFF = 20ns
♦ Guaranteed Break-Before-Make
♦ Single-Supply Operation from +1.8V to +5.5V
♦ Rail-to-Rail Signal Handling
♦ -3dB Bandwidth: 250MHz
♦ Low Crosstalk: -79dB (1MHz)
♦ High Off-Isolation: -76dB (1MHz)
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
++
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
COM1
NO1
V+
NC4
COM4
NO4
1N3, IN4
NC3
NC2
GND
NO3
COM3
COM2
NO2
IN1, IN2
NC1
**EP
**CONNECT EXPOSED PAD TO GND.
MAX4699/
MAX4701*
*MAX4701/MAX4702
ARE IN A
3mm x 3mm
TQFN PACKAGE
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
COM1
NO1
V+
NC4
COM4
NO4
VL
NC3
NC2
GND
NO3
COM3
COM2
NO2
IN
NC1
MAX4702*
TQFN
TQFN
**EP
Pin Configurations
Ordering Information
19-2129; Rev 2; 10/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations continued at end of data sheet.
PART
TEMP RANGE PIN-PACKAGE
MAX4699ETE+
-40°C to +85°C 16 TQFN-EP* (4mm x 4mm)
MAX4701EUEE+ -40°C to +85°C 16 TSSOP
MAX4701ETE+
-40°C to +85°C 16 TQFN-EP* (3mm x 3mm)
MAX4702EUEE+ -40°C to +85°C 16 TSSOP
MAX4702ETE+
-40°C to +85°C 16 TQFN-EP* (3mm x 3mm)
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.


Similar Part No. - MAX4701

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4701EGE MAXIM-MAX4701EGE Datasheet
564Kb / 13P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4701ETE MAXIM-MAX4701ETE Datasheet
200Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4701EUE MAXIM-MAX4701EUE Datasheet
564Kb / 13P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4701EUE MAXIM-MAX4701EUE Datasheet
200Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
More results

Similar Description - MAX4701

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
logo
Vishay Siliconix
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Aug-03
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
logo
Vishay Siliconix
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
72342 VISHAY-72342 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
DG2018 VISHAY-DG2018_V01 Datasheet
154Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com