Electronic Components Datasheet Search
  English  ▼

X  

MAX4701 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4701
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4701 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4701 Datasheet HTML 1Page - Maxim Integrated Products MAX4701 Datasheet HTML 2Page - Maxim Integrated Products MAX4701 Datasheet HTML 3Page - Maxim Integrated Products MAX4701 Datasheet HTML 4Page - Maxim Integrated Products MAX4701 Datasheet HTML 5Page - Maxim Integrated Products MAX4701 Datasheet HTML 6Page - Maxim Integrated Products MAX4701 Datasheet HTML 7Page - Maxim Integrated Products MAX4701 Datasheet HTML 8Page - Maxim Integrated Products MAX4701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
_______________________________________________________________________________________
3
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +2.7V to +3.3V, GND = 0, VIH = +1.4V, VIL = +0.5V, (VL = +1.5V, VIH = +1.0V, VIL = +0.4V for MAX4702 only), TA = -40°C to
+85°C. Typical values are at V+ = +3V and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Crosstalk (Note 8)
VCT
f = 1MHz, RL = 50
Ω,
CL = 5pF, Figure 5
+25°C
-79
dB
Charge Injection
Q
VGEN = 0V, RGEN = 0
Ω,
CL = 1.0nF, Figure 4
+25°C
0.5
pC
NO_, NC_, Off-Capacitance
CNO_(OFF),
CNC_(OFF)
f = 1MHz, VNO_,
VNC_ = GND, Figure 6
+25°C
8
pF
Switch On-Capacitance
C(ON)
f = 1MHz, Figure 6
+25°C
20
pF
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, 2.5Vp-p,
RL = 600
Ω
+25°C
0.02
%
DIGITAL I/O
MAX4699/MAX4701
1.4
Input Logic High
VIH
MAX4702 (VL = +1.5V)
1.0
V
MAX4699/MAX4701
0.8
Input Logic Low
VIL
MAX4702 (VL = +1.5V)
0.4
V
Input Leakage Current
IIH, IIL
VIN = 0 to V+
-1
1
µA
SUPPLY
Power-Supply Range
V+
1.8
5.5
V
Logic Power-Supply Input
VL
1.5
V+
V
Positive Supply Current
I+
V+ = +3.3V, VIN = 0 or V+
TMIN to TMAX
-1
1
µA
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, GND = 0, VIH = +2.4V, VIL = +0.8V, (VL = +1.5V, VIH = +1.0V, VIL = +0.4V for MAX4702 only), TA = -40°C to
+85°C. Typical values are at V+ = +5V and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Analog Signal Range
VCOM_,
VNO_, VNC_
0V+
V
+25°C
30
40
On-Resistance
RON
V+ = +4.5V, ICOM_ = 10mA;
VNO_ or VNC_ = +3.5V
TMIN to TMAX
50
Ω
+25°C
1
3
On-Resistance Match Between
Channels (Note 4)
ΔRON
V+ = +4.5V, ICOM_ = 10mA;
VNO_ or VNC_ = +3.5V
TMIN to TMAX
5
Ω
+25°C
5
8
On-Resistance Flatness (Note 5)
RFLAT (ON)
V+ = +4.5V, ICOM_ = 10mA;
VNO_ or VNC_ = +2.0V,
+2.25V, +3.5V
TMIN to TMAX
10
Ω
DYNAMIC
+25°C
15
18
Turn-On Time
tON
VNO_ or VNC_ = +3V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com