Electronic Components Datasheet Search
  English  ▼

X  

MAX4701 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4701
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4701 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4701 Datasheet HTML 1Page - Maxim Integrated Products MAX4701 Datasheet HTML 2Page - Maxim Integrated Products MAX4701 Datasheet HTML 3Page - Maxim Integrated Products MAX4701 Datasheet HTML 4Page - Maxim Integrated Products MAX4701 Datasheet HTML 5Page - Maxim Integrated Products MAX4701 Datasheet HTML 6Page - Maxim Integrated Products MAX4701 Datasheet HTML 7Page - Maxim Integrated Products MAX4701 Datasheet HTML 8Page - Maxim Integrated Products MAX4701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, GND = 0, VIH = +2.4V, VIL = +0.8V, (VL = +1.5V, VIH = +1.0V, VIL = +0.4V for MAX4702 only), TA = -40°C to
+85°C. Typical values are at V+ = +5V and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
+25°C
7
12
Turn-Off Time
tOFF
VNO_ or VNC_ = +3V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
15
ns
+25°C
10
Break-Before-Make (Note 6)
tBBM
VNO_ or VNC_ = +3V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
2
ns
Charge Injection
Q
VGEN = 0V, RGEN = 0
Ω,
CL = 1.0nF, Figure 4
+25°C
0.5
pC
DIGITAL I/O
MAX4699/MAX4701
2.4
Input Logic High
VIH
MAX4702 (VL = +1.5V)
1.0
V
MAX4699/MAX4701
0.8
Input Logic Low
VIL
MAX4702 (VL = +1.5V)
0.4
V
Logic Input Current
IIH, IIL
VIN = 0 to V+
-1
1
µA
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: -40°C specifications are guaranteed by design.
Note 4:
ΔRON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal ranges.
Note 6: Guaranteed by design.
Note 7: Off-Isolation = 20log10 (VCOM_ / VNO), VCOM = output, VNO = input to off switch.
Note 8: Between any two switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com