Electronic Components Datasheet Search
  English  ▼

X  

MAX4701 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4701
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4701 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4701 Datasheet HTML 3Page - Maxim Integrated Products MAX4701 Datasheet HTML 4Page - Maxim Integrated Products MAX4701 Datasheet HTML 5Page - Maxim Integrated Products MAX4701 Datasheet HTML 6Page - Maxim Integrated Products MAX4701 Datasheet HTML 7Page - Maxim Integrated Products MAX4701 Datasheet HTML 8Page - Maxim Integrated Products MAX4701 Datasheet HTML 9Page - Maxim Integrated Products MAX4701 Datasheet HTML 10Page - Maxim Integrated Products MAX4701 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
_______________________________________________________________________________________
9
VGEN
GND
COM_
CL
VOUT
V+
VOUT
IN_
OFF
ON
OFF
ΔVOUT
Q = (
ΔVOUT)(CL)
NC_
OR NO_
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN_
VIL TO VIH
V+
RGEN
IN
MAX4699
MAX4701
MAX4702
Figure 4. Charge Injection
MEASUREMENTS ARE STANDARDIZED AGAINST SHORTS AT IC TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM_ AND "OFF" NO_ OR NC_ TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM_ AND "ON" NO_ OR NC_TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED FROM ONE CHANNEL TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
V+
VOUT
V+
IN_
NC_
COM_
NO_
VIN
MAX4699
MAX4701
MAX4702
OFF-ISOLATION = 20log
VOUT
VIN
ON-LOSS = 20log
VOUT
VIN
CROSSTALK = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS
REF
10nF
V OR V+
50
Ω
GND
Figure 5. On-Loss, Off-Isolation, and Crosstalk
CAPACITANCE
METER
NC_ or
NO_
COM_
GND
IN_
VIL
OR
VIH
10nF
V+
f = 1MHz
V+
MAX4699
MAX4701
MAX4702
Figure 6. Channel Off/On-Capacitance
Test Circuits/Timing Diagrams (continued)
Chip Information
TRANSISTOR COUNT: 269
SUBSTRATE CONNECTED TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com