Electronic Components Datasheet Search
  English  ▼

X  

AD7291 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7291
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 1 Page - Analog Devices

  AD7291 Datasheet HTML 1Page - Analog Devices AD7291 Datasheet HTML 2Page - Analog Devices AD7291 Datasheet HTML 3Page - Analog Devices AD7291 Datasheet HTML 4Page - Analog Devices AD7291 Datasheet HTML 5Page - Analog Devices AD7291 Datasheet HTML 6Page - Analog Devices AD7291 Datasheet HTML 7Page - Analog Devices AD7291 Datasheet HTML 8Page - Analog Devices AD7291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
8-Channel, I2C, 12-Bit SAR ADC
with Temperature Sensor
Preliminary Technical Data
AD7291
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,nor foranyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights ofAnalog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
12 bit SAR ADC
8 single-ended inputs
Channel sequencer functionality
Analog Input Range 0 to 2.5V
12-bit temperature-to-digital converter
Temperature sensor accuracy of ±2°C typical
Temperature range: −40°C to +125°C
Specified for V
DD of 2.8 V to 3.6V
Logic Voltage V
DRIVE = 1.65V to 3.6V
Power-down current : <10 µA
Internal 2.5V Reference
I2C-compatible serial interface supports
standard & fast modes
20-lead LFCSP
Functional Block Diagram
Figure 1.
GENERAL DESCRIPTION
The AD7291 is a 12-bit, high speed, low power, 8-channel,
successive approximation ADC with an internal temperature
sensor. The part operates from a single 3.3V power supply and
features an I2C®-compatible interface. The track-and-hold
amplifier which can handle input frequencies of up to 70MHz,
and a multiplexer allows samples from eight channels.
Each AD7291 provides a 2-wire serial interface compatible with
I2C interfaces. The AD7291 offers a programmable sequencer,
which enables the selection of a pre-programmable sequence of
channels for conversion. The device has an on-chip 2.5 V
reference that can be disabled to allow the use of an external
reference.
The AD7291 includes a high accuracy band-gap temperature
sensor, which is monitored and digitized by the12-bit ADC to
give a resolution of 0.25°C. The AD7291 uses advanced design
techniques to achieve very low power dissipation at high
throughput rates. The part also offers flexible
power/throughput rate management options and is offered in a
20 lead LFCSP package
PRODUCT HIGHLIGHTS
1. Ideally suited to monitoring system variables in a variety of
systems including telecommunications, process and
industrial control
2. I2C-compatible serial interface. Standard and fast modes.
3. Eight Single-Ended Inputs with a Channel Sequencer.
A consecutive sequence of channels can be selected on
which the ADC cycles and converts.
4. Integrated temperature sensor with 0.25°C resolution.
Table 1. AD7298 and Related Products
Device
Resolution
Interface
Features
AD7298
12-Bit
SPI
8 Channel ADC & Temp Sensor
AD7291
12-Bit
I2C
8 Channel ADC & Temp Sensor


Similar Part No. - AD7291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291 AD-AD7291 Datasheet
572Kb / 29P
Temperature Sensor
07-Sep-2017
AD7291BCPZ AD-AD7291BCPZ Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291BCPZ AD-AD7291BCPZ Datasheet
509Kb / 29P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. C
AD7291BCPZ AD-AD7291BCPZ Datasheet
572Kb / 29P
Temperature Sensor
07-Sep-2017
More results

Similar Description - AD7291

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Analog Devices
AD7298 AD-AD7298 Datasheet
1Mb / 18P
8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Analog Devices
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
Linear Technology
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
8-Channel, 12-Bit SAR ADC with IC Interface
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com