Electronic Components Datasheet Search
  English  ▼

X  

AD7291 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7291
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7291 Datasheet HTML 9Page - Analog Devices AD7291 Datasheet HTML 10Page - Analog Devices AD7291 Datasheet HTML 11Page - Analog Devices AD7291 Datasheet HTML 12Page - Analog Devices AD7291 Datasheet HTML 13Page - Analog Devices AD7291 Datasheet HTML 14Page - Analog Devices AD7291 Datasheet HTML 15Page - Analog Devices AD7291 Datasheet HTML 16Page - Analog Devices AD7291 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD7291
Preliminary Technical Data
Rev. PrC | Page 13 of 21
Table 10. Channel Selection bits for Command Register
D15
D14
D13
D12
D11
D10
D9
D8
Selected Analog Input Channel
Comments
0
0
0
0
0
0
0
0
No channel selected
If more than one channel is
selected, the AD7291
converts the selected sequence of
channels starting with the lowest
channel in the sequence.
0
0
0
0
0
0
0
1
Convert on Channel 8 (VIN8)
0
0
0
0
0
0
1
0
Convert on Channel 7 (VIN7)
0
0
0
0
0
1
0
0
Convert on Channel 6 (VIN6)
0
0
0
0
1
0
0
0
Convert on Channel 5 (VIN5)
0
0
0
1
0
0
0
0
Convert on Channel 4 (VIN4)
0
0
1
0
0
0
0
0
Convert on Channel 3 (VIN3)
0
1
0
0
0
0
0
0
Convert on Channel 2 (VIN2)
1
0
0
0
0
0
0
0
Convert on Channel 1 (VIN1)
Table 11. TSENSE Data Format
Input
D11(MSB)
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
Value (°C)
−512
+256
+128
+64
+32
+16
+8
+4
+2
+1
+0.5
+0.25
Sample Delay and Bit Trial Delay
It is recommended that no I2C bus activity occur when a
conversion is taking place; however, this may not be possible,
for example, when operating in autocycle mode. Bit D5 in the
configuration register is used to delay critical sample intervals
and bit trials from occurring while there is activity on the I2C
bus. This results in a quiet period for each bit decision. On
power up, Bit[D5] is disabled and the bit trial-and-sample
interval delaying mechanism is not implemented. It is
recommended to enabled this bit in the command register to
ensure the conversion results are less susceptible to interference
from external noise. To enable this functionality write a 1 to the
respective bit in the command register. When enabled, the
AD7291 delays the bit trials from occurring when there is
activity on the I2C bus, thus ensuring good dc linearity
performance by reducing the glitch noise seen by the converter.
In applications where ac rather than dc performance is critical,
this function can be disabled to ensure the sampling point is
fixed as this feature may introduce excessive jitter, degrading
the SNR for large signals above 300 Hz. In cases where there is
excessive activity on the interface lines, enabling these bits may
cause the overall conversion time to increase.
The AD7291 also incorporates functionality that allows it to
reject glitches shorter than 50 ns. This feature improves the
noise susceptibility of the device.
VOLTAGE CONVERSION RESULT REGISTER (0X01)
The conversion result register is a 16-bit read-only register that
stores the conversion result from the ADC in straight binary
format. A 2-byte read is necessary to read data from this
register. Table 12 and Table 13 show the contents of the first and
second bytes of data to be read from AD7291. Each AD7291
conversion result consists of four channel address bits (see Table
14) and the 12-bit data result. Bit D15 to Bit D12 are the
channel address bits which identifies the ADC channel that
corresponds to the subsequent result. Bit D11 to Bit D0 contain
the most recent ADC result.
Table 12. Conversion Value Register (First Read)
D15
D14
D13
D12
D11
D10
D9
D8
ADD3
ADD2 ADD1
ADD0 B11
(MSB)
B10
B9
B8
Table 13. Conversion Value Register (Second Read)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
Table 14. Channel Address bits for Result Register
ADD2
ADD2
ADD1
ADD0
Analog Input Channel
0
0
0
0
VIN1
0
0
0
1
VIN2
0
0
1
0
VIN3
0
0
1
1
VIN4
0
1
0
0
VIN5
0
1
0
1
VIN6
0
1
1
0
VIN7
0
1
1
1
VIN8
1
0
0
0
TSENSE
1
0
0
1
TSENSE average result
Temperature Value Format
The temperature reading from the ADC is stored in an 11-bit
twos complement format, D11 to D0, to accommodate both
positive and negative temperature measurements. The
temperature data format is provided in Table 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com