Electronic Components Datasheet Search
  English  ▼

X  

AD7291 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7291
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7291 Datasheet HTML 12Page - Analog Devices AD7291 Datasheet HTML 13Page - Analog Devices AD7291 Datasheet HTML 14Page - Analog Devices AD7291 Datasheet HTML 15Page - Analog Devices AD7291 Datasheet HTML 16Page - Analog Devices AD7291 Datasheet HTML 17Page - Analog Devices AD7291 Datasheet HTML 18Page - Analog Devices AD7291 Datasheet HTML 19Page - Analog Devices AD7291 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AD7291
Preliminary Technical Data
Rev. PrC | Page 16 of 21
MODES OF OPERATION
When supplies are first applied to the AD7291, the ADC powers
up in partial power down mode and normally remains in this
partial power down state while not converting. Once the master
addresses the AD7291 it exits partial power down. There are
two methods of initiating a conversion on the AD7291,
Command mode and Autocycle mode.
COMMAND MODE
In command mode, the AD7291 ADC converts on-demand on
either a single channel or a sequence of channels. Writing in the
command register puts the part into command mode. This is
the default mode of operation and allows a conversion to be
automatically selected any time a write operation occurs to the
Command Register. To enter this mode, the required
combination of channels is written into the command register
(0x00). Following the write operation, the AD7291 must be
addressed again to indicate that a read operation is required.
The read then takes place from the voltage or temperature
conversion result register. For the first conversion to occur the
address pointer written to the AD7291 must points to the
Voltage or Temperature Conversion Result Register. The
conversion is completed while the first four Channel Address
bits are read. The next conversion in the sequence takes place,
once the next read from the result register is initiated. The
acquisition and conversion times combined should take
approximately 3 µs. When in command mode, the part cycles
through the selected channels from the lowest selected channel
in the sequence to the next lowest until all the channels in the
sequence are converted.
To exit the command mode, the master should not acknowledge
the final byte of data. This stops the AD7291 transmitting,
allowing the master to assert a stop condition on the bus. On
the receipt of a STOP condition, the AD7291 stops converting
and enters partial power down mode, but the content of the
command register is preserved. Once the part is readdress and a
read initiated from the Voltage Conversion Register the AD7291
will begin converting on the previously selected sequence of
channels. The conversion sequence will starting converting the
first selected channel in the sequence That is, if Channel 1, 2
and 3 are selected and a STOP condition occurs after Channel
1’s result is read, on resumption of conversions Channel 1 will
be reconverted and the conversion sequence will continue.
The example in Figure 10 shows the command mode
converting on a sequence of channels including VIN1, VIN2, and
VIN3
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device (AD7291 asserts an
acknowledge on SDA.
4. The master sends the Command Register Address 0x00.
The slave asserts an acknowledge on SDA.
5. The master sends the first Data Byte 0xE0 to the
Command Register, which selects the VIN1, VIN2 and VIN3
channels.
The slave asserts an acknowledge on SDA.
6. The master sends the second Data Byte 0x20 to the
Command Register. The slave asserts an acknowledge on
SDA.
7. The master sends the result register address (0x01). The
slave asserts an acknowledge on SDA.
8. The master sends the 7-bit slave address followed by the
write bit (high).
9. The slave (AD7291) asserts an acknowledge on SDA.
10. The master receives a data byte, which contains the
channel address bits, and the four MSBs of the converted
result for Channel VIN1. The master then asserts an
acknowledge on SDA.
11. The master receives the second data byte, which contains
the eight LSBs of the converted result for Channel VIN1.
The master then asserts on acknowledge on SDA.
12. Point 10 and Point 11 repeat for Channel VIN2 and
Channel VIN3.
13. Once the master has received the results from all the
selected channels, the slave again converts and outputs
the result for the first channel in the selected sequence.
Point 10 to Point 12 are repeated.
14. Master asserts a no acknowledge on SDA and a stop
condition on SDA to end the conversion and exit
command mode.
To change the conversion sequence, rewrite a new sequence to
the command mode. If a new write to the Command Register is
performed while an existing conversion sequence is underway,
the existing conversion sequence is terminated and the next
conversion performed is the first selected channel from the new
sequence. The maximum throughput that can be achieved using
this mode with a 400 kHz I2C clock is (400 kHz/18) =
22.2 kSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com