Electronic Components Datasheet Search
  English  ▼

X  

AD7291 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7291
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7291 Datasheet HTML 13Page - Analog Devices AD7291 Datasheet HTML 14Page - Analog Devices AD7291 Datasheet HTML 15Page - Analog Devices AD7291 Datasheet HTML 16Page - Analog Devices AD7291 Datasheet HTML 17Page - Analog Devices AD7291 Datasheet HTML 18Page - Analog Devices AD7291 Datasheet HTML 19Page - Analog Devices AD7291 Datasheet HTML 20Page - Analog Devices AD7291 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Preliminary Technical Data
AD7291
Rev. PrC | Page 17 of 21
Figure 10. Command Mode Operation
AUTOCYCLE MODE
The AD7291 can be configured to convert continuously on a
programmable sequence of channels making it the ideal mode
of operation for system monitoring. These conversions take
place in the background approximately every 50 µs, and are
transparent to the master. The acquisition, and conversion
times combined for any channel should take approximately 3 µs
Typically, this mode is used to automatically monitor a selection
of channels with either the limit registers programmed to signal
an out-of-range condition via the alert function or the
minimum/maximum recorders tracking the variation over time
of a particular channel. Reads and writes can be performed at
any time (the ADC Result Register 0x01 contains the most
recent conversion result).
On power up, this mode is disabled. To enable this mode, write
to Bit D0 in the Command Register (0x00) and select the
desired channels for conversion by writing to the corresponding
channel bits D15 to D7. If more than one channel bit is set in
the configuration register, the ADC automatically cycles
through the channel sequence starting with the lowest channel
and working its way up through the sequence. Once the
sequence is complete, the ADC starts converting on the lowest
channel again, continuing to loop through the sequence until
this mode is exited. Once a conversion is completed the
conversion result is compared with the content of the Limit
Registers and Alert Status Registers are automatically updated.
If a violation of the Limit Registers is found the ALERT pin is
asserted with the polarity determined by bit D3 in the
Command Register.
If a command mode conversion is required while the autocycle
mode is active, it is necessary to disable the autocycle mode
before proceeding to the command mode. This is achieved by
setting Bit D0 of the command register to 1. When the
command mode conversion is complete, the user can re-enable
Autocycle mode by setting bit D0 to 1 in the command register.
In autocycle mode, the AD7291 does not enter partial power
down on receipt of a STOP condition, hence conversions and
alert monitoring will continue to function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com