Electronic Components Datasheet Search
  English  ▼

X  

AD7291 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7291
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7291 Datasheet HTML 8Page - Analog Devices AD7291 Datasheet HTML 9Page - Analog Devices AD7291 Datasheet HTML 10Page - Analog Devices AD7291 Datasheet HTML 11Page - Analog Devices AD7291 Datasheet HTML 12Page - Analog Devices AD7291 Datasheet HTML 13Page - Analog Devices AD7291 Datasheet HTML 14Page - Analog Devices AD7291 Datasheet HTML 15Page - Analog Devices AD7291 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD7291
Preliminary Technical Data
Rev. PrC | Page 12 of 21
COMMAND REGISTER
The command register is a 16-bit write-only register that is used to set the operating modes of the AD7291. The bit functions are outlined
in Table 8. A two-byte write is necessary when writing to the configuration register. MSB denotes the first bit in the data stream. On
power up the default content of the command register is all zero’s.
Table 8. Command Register Bits and Default Settings at Power-Up
MSB
Channel Bit
D15
D14
D13
D12
D11
D10
D9
D8
Function
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
Setting
Enable = 1
Disable = 0
Enable = 1
Disable = 0
Enable = 1
Disable = 0
Enable = 1
Disable = 0
Enable = 1
Disable = 0
Enable = 1
Disable = 0
Enable = 1
Disable = 0
Enable = 1
Disable = 0
LSB
Channel
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Function
TSENSE
DONTC Noise-delayed
bit trial
sampling.
EXT_REF
Polarity of Alert
pin (active
high/active
low)
Clear Alert
RESET
Autocycle
Mode
Default
Setting
Enable = 1
Disable = 0
Enable = 1
Disable = 0
Enable = 1
Disable = 0
Active Low = 1
Active High = 0
Enable = 1
Disable = 0
Enable = 1
Disable = 0
Enable = 1
Disable = 0
Table 9. Bit Function Descriptions
Bit
Mnemonic
Comment
D15 to D8
CH1 to CH8
These 8-channel address bits select the analog input channel(s) to be converted. A 1 in any of Bits D15 to D8
selects a channel for conversion. If more than one channel bit is set to 1, the AD7291 will sequence through
the selected channels, starting with the lowest channel. All unused channels should be set to 0. A channel or
sequence of channels for conversion must be selected in the command register, prior to initiating a
conversion,
D7
TSENSE
This channel selects the temperature sensor channel for conversion. If other analog input channels are also
selected for conversion, the AD7291 sequences through the selected analog voltage input channels first and
then converts the temperature sensor channel after the conversion of last selected voltage channel is
completed.
D5
Noise-
delayed bit
trial sampling
When this function is enabled, it delays the critical sampling intervals and bit trials from occurring when there
is activity on the I2C bus, thus ensuring optimum dc performance of the AD7291. When this feature is enabled
the conversion time may vary. This bit is disabled on power up and it is recommended to write a 1 to enable
this feature for normal operation.
D4
EXT_REF
Writing a logic 1 to this bit, enables the use of an external reference. The input voltage range for the external
reference is 2V to 2.5V. The external reference should not exceed 2.5V or the device performance will be
adversely affected. On power up, the default configuration will have the internal reference enabled.
D3
Polarity of
Alert Pin
This bit determines the active polarity of the ALERT pin. The ALERT pin is configured for active low operation
if this bit is set to 1, and active high if this bit is set to 0. The default configuration on power up is active high
(0).
D2
Clear Alert
This bit clears the content of the Alert Status register. Once the content of the Alert Status register is cleared,
this bit should be reprogrammed to a logic 0 to ensure future alerts are detected.
D1
RESET
Setting this bit in the command register resets the content of all internal registers in the AD7291 to their
default state including the command register itself. This bit is returned to a 0 once the reset is completed to
enable the internal registers to be reprogrammed.
D0
Autocycle
Mode
Writing a 1 to this bit in the command registers enables the auto-cycle mode of operation. In this mode, the
channels selected in bit D15 to D7 are continuously converted by the AD7291. This function is used in
conjunction with the limit registers, which can be programmed to issue an alert if the conversion result
exceeds the preset limit for any channel selected for conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com