Electronic Components Datasheet Search
  English  ▼

X  

ADE7858 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 34Page - Analog Devices ADE7858 Datasheet HTML 35Page - Analog Devices ADE7858 Datasheet HTML 36Page - Analog Devices ADE7858 Datasheet HTML 37Page - Analog Devices ADE7858 Datasheet HTML 38Page - Analog Devices ADE7858 Datasheet HTML 39Page - Analog Devices ADE7858 Datasheet HTML 40Page - Analog Devices ADE7858 Datasheet HTML 41Page - Analog Devices ADE7858 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 38 of 76






m
k
1
m
,
k
k
k
m
k
m
k
1
m
,
k
k
k
m
k
1
k
k
k
k
k
k
k
2
t
m
k
cos
I
V
2
t
m
k
cos
I
V
2
t
k
2
cos
2
cos
I
V
)
t
(
q
(30)
The average total reactive power over an integral number of line
cycles (n) is given by the expression in Equation (31).

nT
0
1
k
k
k
k
k
2
cos
I
V
dt
t
q
nT
1
Q
(31)

1
k
k
k
k
k
sin
I
V
Q
where:
T is the period of the line cycle.
Q is referred to as the total reactive power. Note that the total
reactive power is equal to the dc component of the
instantaneous reactive power signal q(t) in Equation (30), that
is,

1
k
k
k
k
k
sin
I
V
. This is the relationship used to
calculate the total reactive power in the ADE7858 for each
phase. The instantaneous reactive power signal q(t) is generated
by multiplying each harmonic of the voltage signals by the 90°
phase-shifted corresponding harmonic of the current in each
phase.
The ADE7858 stores the instantaneous total phase reactive
powers into AVAR[23:0], BVAR[23:0] and CVAR[23:0]
registers. Their expression is:

4
1
k
k
k
FS
k
FS
k
2
1
PMAX
sin
I
I
U
U
xVAR
(32)
where:
x=A, B, C
UFS, IFS are the rms values of the phase voltage and current when
the ADC inputs are at full scale.
PMAX=33,516,139 is the instantaneous power computed when
the ADC inputs are at full scale and in phase.
The xVAR[23:0], x=A, B, C waveform registers may be accessed
using various serial ports. Refer to Waveform Sampling Mode
chapter for more details.
Reactive Power Gain Calibration
The average reactive power from the LPF output in each phase
can be scaled by ±100% by writing to the phase’s VAR gain 24-bit
register (AVARGAIN[23:0], BVARGAIN[23:0],
CVARGAIN[23:0], AFVARGAIN[23:0], BFVARGAIN[23:0] or
CFVARGAIN[23:0]). xVARGAIN, x=A,B,C registers are placed
in each phase of the total reactive power data path. The VAR
gain registers are twos complement, signed registers and have a
resolution of
2-23/LSB. The function of the VAR gain registers is
expressed by


23
2
gister
Gain
VAR
1
Output
2
LPF
Power
Reactive
Average
Re
(33)
The output is scaled by –50% by writing 0xC00000 to the VAR
gain registers and increased by +50% by writing 0x400000 to
them. These registers can be used to calibrate the reactive power
(or energy) gain in the ADE7858 for each phase.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words and the DSP works on 28 bits. Similar to
registers presented in Figure 15, AVARGAIN, BVARGAIN,
CVARGAIN 24-bit signed registers are accessed as 32-bit
registers with 4 most significant bits padded with 0s and sign
extended to 28 bits.
Reactive Power Offset Calibration
The ADE7858 provides a VAR offset register on each phase and
on each reactive power. AVAROS[23:0], BVAROS[23:0], and
CVAROS[23:0] registers compensate the offsets in the total
reactive power calculations. These are signed twos complement,
24-bit registers that are used to remove offsets in the reactive
power calculations. An offset can exist in the power calculation
due to crosstalk between channels on the PCB or in the chip
itself. The offset calibration allows the contents of the reactive
power register to be maintained at 0 when no reactive power is
being consumed. The offset registers’ resolution is the same as
the active power offset registers (see the Active Power Offset
Calibration section).
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words and the DSP works on 28 bits. Similar to
registers presented in Figure 15, AVAROS, BVAROS, CVAROS
24-bit signed registers are accessed as 32-bit registers with 4
most significant bits padded with 0s and sign extended to 28
bits.
Sign of Reactive Power Calculation
Note that the reactive power is a signed calculation. Table 14
summarizes the relationship between the phase difference between
the voltage and the current and the sign of the resulting VAR
calculation.
The ADE7858 has a sign detection circuitry for reactive power
calculations. As will be seen in the Reactive Energy Calculation
section, the reactive energy accumulation is executed in two
stages. Every time a sign change is detected in the energy
accumulation at the end of the first stage, that is after the energy
accumulated into the 48 bit accumulator reaches
VARTHR[47:0] threshold, a dedicated interrupt is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com