Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
reset
+
-
VVDDPOR
VDD
I2C_SDA
I2C-Bus
Reset
Detection
Delay
Time
I2C_SCL
VDDIO
VDDIO
Reset
Detection
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
34825
FUNCTIONAL DEVICE OPERATION
LOGIC CONTROL FEATURES
Figure 19. Sources of Reset in 34825
I2C_SDA
I2C_SCL
Reset
Condition
Start
Condition
Stop
Condition
Reset
8.8~13.5ms
Figure 20. Hardware Reset Using the I2C Bus
VDDIO
Reset
tVDDIODGT_F
Figure 21. Hardware Reset Using the VDDIO Input
INTERRUPT
There are eight interrupt sources in the 34825 causing an
interrupt at the INT pin to the host IC. They are accessory
attachment, accessory detachment, short-key press, long
key press, long-pressed key release, VBUS voltage OVP, the
IC temperature OTP, and either the OVP or the OTP
condition is removed. The 34825 detects each event and sets
the corresponding bit in the Interrupt register. As long as the
Interrupt register is set, the INT pin outputs low voltage. The
Interrupt register is not writable. When the Interrupt register is
read, the Interrupt register is cleared automatically. Once the
Interrupt register is cleared, the INT pin returns to high
voltage.
An interrupt mask register is provided to mask unwanted
interrupt source. When the bit of the Interrupt Mask register
is set to 1, the corresponding interrupt source is blocked. The
INT does not output low voltage even though this interrupt bit
is set in the Interrupt register.
LOGIC OUTPUT
There are three logic outputs pins:TEST1, TEST2 and
ISET. They are controlled by the register bits with the same
name in the Control register if the attached accessory is NOT
a test cable. The TEST2 output is a push-pull output with the
voltage pulled up to the VDDIO, and the rest of them are
open-drain outputs.
The ISET generally is used to control the charge current
level. A typical charger IC uses one external resistor to set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com