Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34825
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
I2C CLOCK (I2C_SCL)
Clock line of the I2C interface. The I2C_SCL input together
with the I2C_SDA input forms one of the hardware reset input
sources.
POWER OUTPUT (OUT)
Output of the power MOSFET in the 34825. This pin is
connected to a charger input. Bypass to ground with a 1.0
μF
capacitor.
CHARGE CURRENT SETTING (ISET)
Open-drain output to set the charge current according to
the power supply current capability.
VBUS POWER SUPPLY (VBUS)
USB VBUS input. Bypass this pin to ground with a less
than 10 nF capacitor. When the accessory is an audio kit, this
pin is the microphone input to the 34825.
D- OF THE USB CONNECTOR (DM)
D- line of the mini or micro-USB connector.
D+ OF THE USB CONNECTOR (DP)
D+ line of the mini or micro-USB connector.
ID OF THE USB CONNECTOR (ID)
ID pin of the mini or micro-USB connector.
GROUND (GND)
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com