Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 37Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
34825
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
be less than 22 nF. A 4.7 nF X5R capacitor is recommended
for the typical application. The OUT pin requires a 1.0 μF
decoupling capacitor; a 0.01 μF capacitance is enough for
the VDDIO pin.
TYPICAL APPLICATIONS
INTERFACE CIRCUIT IN A CELL PHONE
When the 34825 is used in a cell phone. The typical circuit
is shown in the Figure 27. The I2C bus need two pull-up
resistors. Typically they are 4.7 k
Ω. When the audio outputs
of the cell phone baseband or application processor are
direct drive signals, the audio signals can be connected to the
corresponding pins of 34825 directly. Otherwise these
signals need DC-blocking capacitors to remove the DC level.
VDDIO
I2C_SDA
I2C_SCL
INT
VDDIO
RxD
TxD
D+
D-
TEST1
TEST2
VDD
ID
DP
DM
GND
VBUS
ID
D+
D-
GND
I2C
UART
USB Xcvr
GPIO
Baseband
SHLD
Test
Interface
OUT
VBUS
MC34673
ISET
Audio
4.7 nF
1.0 µF
Li+
1.0 µF
9.1 k
12 k
2x4.7 k
MIC
SPK_L
SPK_R
2 k
VAIO
*
*
For direct-drive audio output, these DC
blocking capacitors are not needed
* :
0.1 µF
Figure 27. Interface Circuit in a Cell Phone System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com