Electronic Components Datasheet Search
  English  ▼

X  

34825 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 34825 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34825 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
34825
FUNCTIONAL DEVICE OPERATION
ACCESSORY IDENTIFICATION
ACCESSORY IDENTIFICATION
Accessories are categorized into two groups. Powered
accessories are accessories that supply power to the VBUS
pin while non-powered accessories do not. When the
accessory is a powered one, the VBUS-detection mechanism
will check the connection between the D+ and the D- pins as
part of the power supply type identification (PSTI). A powered
accessory may or may not have an ID resistor. A non-
powered accessory must have an ID resistor for the
identification purpose.
Accessories that have an ID resistor are grouped into
three types, as listed in Table 21.
1. Test Accessories. Such accessories include two USB
test cables that are powered accessories, and two
UART test cables that are non-powered accessories. A
test accessory has an ID resistor and four ID resistor
values are reserved for them (see Table 21 for the ID
resistor assignment). Two logic output pins, TEST1
and TEST2, are offered to indicate the attachment of
such accessories (see Table 8). The USB or the UART
switches in the IC will be turned on automatically when
a test accessory is attached.
2. Accessories with a remote controller. Two accessories
are offered to support remote control (RC) keys. The ID
resistor values are 619 k
Ω and 1.0 MΩ respectively, as
given in Table 21. Such accessories are non-powered
accessories. The 34825 monitors the ID pin
continuously for key pressing when such an accessory
is connected. 13 ID resistors are assigned to the
remote control keys, as listed in Table 21.
3. Other accessories. The remaining ID resistor values
are reserved for users to assign to their own
accessories.
The identification flow chart is shown in Figure 14. In the
Standby mode, the 34825 monitors both the ID pin and the
VBUS pin simultaneously. If an accessory is detected, the
identification state machine will find out in parallel the ID
resistor value and the type of the power supply (if a powered
accessory is attached). When the 34825 is in the Active mode
with the ACTIVE bit = 1, the host IC can force the ACTIVE bit
to 0 via the I2C bus to initiate the identification state machine.
The details on the identification flow for the VBUS-
detection mechanism and the ID detection mechanism are
described as following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com