Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
120
Freescale Semiconductor
Package Description
SD_REF_CLK
T28
I
XVDD
—
SD_REF_CLK
T27
I
XVDD
—
Reserved
AC1, AC3
—
—
2
Reserved
M26, V28
—
—
32
Reserved
M25, V27
—
—
34
Reserved
M20, M21, T22, T23
—
—
38
General-Purpose Output
GPOUT[24:31]
K26, K25, H27, G28, H25, J26, K24, K23
O
BVDD
—
System Control
HRESET
AG17
I
OVDD
—
HRESET_REQ
AG16
O
OVDD
29
SRESET
AG20
I
OVDD
—
CKSTP_IN
AA9
I
OVDD
—
CKSTP_OUT
AA8
O
OVDD
2, 4
Debug
TRIG_IN
AB2
I
OVDD
—
TRIG_OUT/READY/QUIESCE
AB1
O
OVDD
6, 9, 19,
29
MSRCID[0:1]
AE4, AG2
O
OVDD
5, 6, 9
MSRCID[2:4]
AF3, AF1, AF2
O
OVDD
6, 19, 29
MDVAL
AE5
O
OVDD
6
CLK_OUT
AE21
O
OVDD
11
Clock
RTC
AF16
I
OVDD
—
SYSCLK
AH17
I
OVDD
—
JTAG
TCK
AG28
I
OVDD
—
TDI
AH28
I
OVDD
12
TDO
AF28
O
OVDD
11
TMS
AH27
I
OVDD
12
TRST
AH23
I
OVDD
12
DFT
L1_TSTCLK
AC25
I
OVDD
25
L2_TSTCLK
AE22
I
OVDD
25
Table 70. MPC8543E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com