Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
121
Package Description
LSSD_MODE
AH20
I
OVDD
25
TEST_SEL
AH14
I
OVDD
109
Thermal Management
THERM0
AG1
—
—
14
THERM1
AH1
—
—
14
Power Management
ASLEEP
AH18
O
OVDD
9, 19, 29
Power and Ground Signals
GND
A11, B7, B24, C1, C3, C5, C12, C15, C26, D8,
D11, D16, D20, D22, E1, E5, E9, E12, E15,
E17, F4, F26, G12, G15, G18, G21, G24, H2,
H6, H8, H28, J4, J12, J15, J17, J27, K7, K9,
K11, K27, L3, L5, L12, L16, N11, N13, N15,
N17, N19, P4, P9, P12, P14, P16, P18, R11,
R13, R15, R17, R19, T4, T12, T14, T16, T18,
U8, U11, U13, U15, U17, U19, V4, V12, V18,
W6, W19, Y4, Y9, Y11, Y19, AA6, AA14, AA17,
AA22, AA23, AB4, AC2, AC11, AC19, AC26,
AD5, AD9, AD22, AE3, AE14, AF6, AF10,
AF13, AG8, AG27, K28, L24, L26, N24, N27,
P25, R28, T24, T26, U24, V25, W28, Y24, Y26,
AA24, AA27, AB25, AC28, L21, L23, N22, P20,
R23, T21, U22, V20, W23, Y21, U27
——
—
OVDD
V16, W11, W14, Y18, AA13, AA21, AB11,
AB17, AB24, AC4, AC9, AC21, AD6, AD13,
AD17, AD19, AE10, AE8, AE24, AF4, AF12,
AF22, AF27, AG26
Power for
PCI and
other
standards
(3.3 V)
OVDD
—
LVDD
N8, R7, T9, U6
Power for
TSEC1 and
TSEC2
(2.5 V, 3.3 V)
LVDD
—
TVDD
W9, Y6
Power for
TSEC3 and
TSEC4
(2,5 V, 3.3 V)
TVDD
—
GVDD
B3, B11, C7, C9, C14, C17, D4, D6, D10, D15,
E2, E8, E11, E18, F5, F12, F16, G3, G7, G9,
G11, H5, H12, H15, H17, J10, K3, K12, K16,
K18, L6, M4, M8, M13
Power for
DDR1 and
DDR2
DRAM I/O
voltage
(1.8 V,2.5 V)
GVDD
—
Table 70. MPC8543E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com