Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
123
Clocking
19 Clocking
This section describes the PLL configuration of the MPC8548E. Note that the platform clock is identical
to the core complex bus (CCB) clock.
19.1
Clock Ranges
Table 71 through Table 73 provide the clocking specifications for the processor cores and Table 74,
through Table 76 provide the clocking specifications for the memory bus.
SD_IMP_CAL_TX
AB26
I
100
Ω (±1%)
to GND
—
SD_PLL_TPA
U26
O
AVDD_SRDS
24
Note: All note references in this table use the same numbers as those for Table 67. The reader should refer to Table 67 for the
meanings of these notes.
Table 71. Processor Core Clocking Specifications (MPC8548E and MPC8547E)
Characteristic
Maximum Processor Core Frequency
Unit
Notes
1000 MHz
1200 MHz
1333 MHz
Min
Max
Min
Max
Min
Max
e500 core processor frequency
800
1000
800
1200
800
1333
MHz
1, 2
Notes:
1. Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that the resulting SYSCLK
frequency, e500 (core) frequency, and CCB frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to Section 19.2, “CCB/SYSCLK PLL Ratio,” and Section 19.3, “e500 Core PLL Ratio,” for ratio settings.
2.)The minimum e500 core frequency is based on the minimum platform frequency of 333 MHz.
Table 72. Processor Core Clocking Specifications (MPC8545E)
Characteristic
Maximum Processor Core Frequency
Unit
Notes
800 MHz
1000 MHz
1200 MHz
Min
Max
Min
Max
Min
Max
e500 core processor frequency
800
800
800
1000
800
1200
MHz
1, 2
Notes:
1. Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that the resulting SYSCLK
frequency, e500 (core) frequency, and CCB frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to Section 19.2, “CCB/SYSCLK PLL Ratio,” and Section 19.3, “e500 Core PLL Ratio,” for ratio settings.
2.)The minimum e500 core frequency is based on the minimum platform frequency of 333 MHz.
Table 70. MPC8543E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com