Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
122
Freescale Semiconductor
Package Description
BVDD
C21, C24, C27, E20, E25, G19, G23, H26, J20
Power for
local bus
(1.8 V, 2.5 V,
3.3 V)
BVDD
—
VDD
M19, N12, N14, N16, N18, P11, P13, P15, P17,
P19, R12, R14, R16, R18, T11, T13, T15, T17,
T19, U12, U14, U16, U18, V17, V19
Power for
core (1.1 V)
VDD
—
SVDD
L25, L27, M24, N28, P24, P26, R24, R27, T25,
V24, V26, W24, W27, Y25, AA28, AC27
Core power
for SerDes
transceivers
(1.1 V)
SVDD
—
XVDD
L20, L22, N23, P21, R22, T20, U23, V21, W22,
Y20
Pad power
for SerDes
transceivers
(1.1 V)
XVDD
—
AVDD_LBIU
J28
Power for
local bus
PLL
(1.1 V)
—26
AVDD_PCI1
AH21
Power for
PCI1 PLL
(1.1 V)
—26
AVDD_PCI2
AH22
Power for
PCI2 PLL
(1.1 V)
—26
AVDD_CORE
AH15
Power for
e500 PLL
(1.1 V)
—26
AVDD_PLAT
AH19
Power for
CCB PLL
(1.1 V)
—26
AVDD_SRDS
U25
Power for
SRDSPLL
(1.1 V)
—26
SENSEVDD
M14
O
VDD
13
SENSEVSS
M16
—
—
13
Analog Signals
MVREF
A18
I
Reference
voltage
signal for
DDR
MVREF
—
SD_IMP_CAL_RX
L28
I
200
Ω (±1%)
to GND
—
Table 70. MPC8543E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com