Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
124
Freescale Semiconductor
Clocking
Table 73. Processor Core Clocking Specifications (MPC8543E)
Characteristic
Maximum Processor Core Frequency
Unit
Notes
800 MHz
1000 MHz
Min
Max
Min
Max
e500 core processor frequency
800
800
800
1000
MHz
1, 2
Notes:
1. Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that the resulting SYSCLK
frequency, e500 (core) frequency, and CCB frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to Section 19.2, “CCB/SYSCLK PLL Ratio,” and Section 19.3, “e500 Core PLL Ratio,” for ratio settings.
2.)The minimum e500 core frequency is based on the minimum platform frequency of 333 MHz.
Table 74. Memory Bus Clocking Specifications (MPC8548E and MPC8547E)
Characteristic
Maximum Processor Core Frequency
Unit
Notes
1000, 1200, 1333 MHz
Min
Max
Memory bus clock speed
166
266
MHz
1, 2
Notes:
1. Caution: The CCB clock to SYSCLK ratio and e500 core to CCB clock ratio settings must be chosen such that the resulting
SYSCLK frequency, e500 (core) frequency, and CCB clock frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to Section 19.2, “CCB/SYSCLK PLL Ratio,” and Section 19.3, “e500 Core PLL Ratio,” for ratio
settings.
2. The memory bus speed is half of the DDR/DDR2 data rate, hence, half of the platform clock frequency.
Table 75. Memory Bus Clocking Specifications (MPC8545E)
Characteristic
Maximum Processor Core Frequency
Unit
Notes
800, 1000, 1200 MHz
Min
Max
Memory bus clock speed
166
200
MHz
1, 2
Notes:
1. Caution: The CCB clock to SYSCLK ratio and e500 core to CCB clock ratio settings must be chosen such that the resulting
SYSCLK frequency, e500 (core) frequency, and CCB clock frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to Section 19.2, “CCB/SYSCLK PLL Ratio,” and Section 19.3, “e500 Core PLL Ratio,” for ratio
settings.
2. The memory bus speed is half of the DDR/DDR2 data rate, hence, half of the platform clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com