Electronic Components Datasheet Search
  English  ▼

X  

ST7585 Datasheet(PDF) 45 Page - Sitronix Technology Co., Ltd.

Part # ST7585
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7585 Datasheet(HTML) 45 Page - Sitronix Technology Co., Ltd.

Back Button ST7585 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
ST7585
Ver 1.0c
45/51
2009/04/14
RESET TIMING
During Reset ...
RESB
Internal
Status
Reset Complete
t
RW
t
R
(VDD1 = 3.3V , Ta =25
°
C)
Item
Symbol
Condition
Min.
Max.
Unit
Reset time
tR
—
1.5
Reset
“L” pulse width
tRW
1.5
—
us
(VDD1 = 2.8V , Ta =25
°
C)
Item
Symbol
Condition
Min.
Max.
Unit
Reset time
tR
—
2.0
Reset
“L” pulse width
tRW
2.0
us
(VDD1 = 1.8V , Ta =25
°
C)
Item
Symbol
Condition
Min.
Max.
Unit
Reset time
tR
—
3.0
Reset
“L” pulse width
tRW
3.0
—
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com