Electronic Components Datasheet Search
  English  ▼

X  

ST7585 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7585
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7585 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7585 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 51Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
ST7585
Ver 1.0c
49/51
2009/04/14
Selection of Application Voltage
Referential LCD Module Setting
VDD1=2.8V, VDD2 =2.8V, Panel Size=1.4
”, Ta=25°C
Duty
Booster
Vop
Bias
*1
Adjustment
*2
Temperature
Effect (-30
°C)
*3
Max. Vop
*4
8.8V
1/9
+/- 0.3V
+ 0.24V
9.34V
1/66
X5
8.6V
1/7
+/- 0.2V
+ 0.23V
8.93V
1.
The Bias can be used to select suitable Liquid Crystal.
2.
It is usually reserved some range for user adjustment (the reserved range depends on customer
’s system).
Be sure that: there is a suitable V0 level can be programmed into the V0 control register (V0[4:0]).
3.
The internal Regulator has Temperature Gradient (-0.05%/
°C).
4.
Be sure that: the
“Max. Vop” is still available by internal Booster (watch out the Booster Efficiency).
Besides, the VG limitation should be followed.
l
The display performance should be checked with customer
’s LCD modules.
Note:
l
Positive Booster: (VDD2 x 5 x BE)
≥ V0 or (VDD2 x5 x BE) ≥ Vop;
l
Negative Booster: [
–VDD2 x4 x BE] ≤ XV0 or [VDD2 x4 x BE] ≥ (Vop - VG),
where VG = Vop x 2 / N;
l
Vop requirement: [VDD2 x4 x BE]
≥ [Vop x (N - 2) / N] or [Vop ≤ VDD2 x4 x BE x N / (N - 2)].
l
BE is the booster efficiency. Referential values are listed below:
(assume VDD2 =2.8V)
Module Size
≤ 1.4”: BE=80% (Typical);
Module Size = 1.5
”~1.8”: BE=76% (Typical).
Actual BE should be determined by module loading and ITO resistance value.
l
1.6V
≤ VG < VDD2. Recommend VG is: VDD2-VG around 0.5~0.8V.
l
VM=VG/2 and 0.8V
≤ VM < VDD2.
l
The worse condition should be considered:
Low temperature effect and display on with snow pattern on panel (max: 1.8
”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com