Electronic Components Datasheet Search
  English  ▼

X  

ST7585 Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST7585
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7585 Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST7585 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
ST7585
Ver 1.0c
8/51
2009/04/14
Built-in Power System Pins
Pin Name
Type
Description
No. of Pins
V0O
V0I
V0S
Power
LCD driving voltage for commons at negative frame.
V0
≥ VG > VM > VSS ≥ XV0
V0O, V0I & V0S should be separated in ITO layout.
V0O, V0I & V0S should be connected together in FPC layout.
2
4
1
XV0O
XV0I
XV0S
Power
LCD driving voltage for commons at positive frame.
XV0O, XV0I & XV0S should be separated in ITO layout.
XV0O, XV0I & XV0S should be connected together in FPC layout.
2
4
1
VGO
VGI
VGS
Power
LCD driving voltage for segments.
VGO, VGI & VGS should be separated in ITO layout.
VGO, VGI & VGS should be connected together in FPC layout.
1.8
≤ VG < VDD2.
2
4
1
BR
I
Bias circuit configuration pin for default setting :
“L”=1/7; “H”=1/9.
This pin sets the default bias ratio after reset.
1
Microprocessor Interface Pins
Pin Name
Type
Description
No. of Pins
PS[2:0]
I
Microprocessor interface select pins.
PS2
PS1
PS0
Selected Interface
“L”
“L”
“L”
3-Line SPI interface
“L”
“L”
“H”
4-Line SPI interface
“L”
“H”
“L”
6800-series parallel interface
“L”
“H”
“H”
8080-series parallel interface
“H”
“L”
“L”
I
2C Interface
3
CSB
I
Chip select input pin.
Interface access is enabled when CSB is
“L”.
When CSB is non-active (CSB=
“H”), D[7:0] pins are high impedance.
CSB is not used in serial interfaces and should fix to
“H” by VDD1.
1
RESB
I
Reset input pin.
When RESB is
“L”, internal initialization is executed.
1
A0
I
It determines whether the access is related to data or command.
A0=
“H” : Indicates that D[7:0] are display data.
A0=
“L” : Indicates that D[7:0] are control data.
A0 is not used in serial interfaces and should fix to
“H” by VDD1.
1
RWR
I
Read/Write execution control pin. When parallel interface is selected:
MPU Type
RWR
Description
6800 series
R/W
Read/Write control input pin.
R/W=
“H”: read.
R/W=
“L”: write.
8080 series
/WR
Write enable input pin.
Signals on D[7:0] will be latched at the
rising edge of /WR signal.
RWR is not used in serial interfaces and should fix to
“H” by VDD1.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com