Electronic Components Datasheet Search
  English  ▼

X  

ST7585 Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST7585
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7585 Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST7585 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
ST7585
Ver 1.0c
25/51
2009/04/14
V0a[4:0] provides an offset of V0[4:0] which is used to adjust V0 voltage to cover the process tolerance on LCD modules. It
can be adjusted by OTP command
“V0 Increase” or “V0 Decrease”.
* Typically, it is recommended to set Vop[4:0] in 8.5V ~ 9.5V (including temperature effect). So that the application
can have some range (<8.5V; >9.5V) for customer to adjust LCD contrast by themselves.
.....
a+b
b
V0
Vop[4:0]
00
01
02
03
04
05
06
1E
1F
1D
Fig 17.
Setting V0 Voltage
The default V0 voltage is shown below (V0a[4:0] is not programmed into OTP by customer):
V04
V03
V02
V01
V00
V0a[4:0]
V0 (V)
0
0
0
0
0
8.232
0
0
0
0
1
8.281
0
0
0
1
0
8.330
0
0
0
1
1
8.379
:
:
:
:
:
:
1
0
0
0
0
9.016
:
:
:
:
:
:
1
1
1
1
0
9.604
1
1
1
1
0
9.653
1
1
1
1
1
9.702
1
1
1
1
1
0 (default)
(without adjustment)
9.751
Please note that: V0a [4:0] is 2
’s complement, so that V0a[4:0] can increase or decrease V0. If customer adjusts V0
by too many
“V0 Increase” (or “V0 Decrease”) instructions, the purpose to increase V0 (or decrease V0) will
become:
“lower V0” (or “higher V0”).
Set Test Mode
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
0
T1
T0
TEN
Flag
Description
T[1:0]
Select test mode.
TEN
Enable test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com