Electronic Components Datasheet Search
  English  ▼

X  

ST7585 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7585
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7585 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7585 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
ST7585
Ver 1.0c
23/51
2009/04/14
9-2. INSTRUCTION DESCRIPTION
H=0 or 1
(H-Flag Independent)
Function Set
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
0
0
PD
V
H
Flag
Description
PD
PD=0: chip is active
PD=1: chip is in power down mode
All LCD outputs at VSS (display off), bias generator and V0 generator off, VOUT can be disconnected,
oscillator off (external clock possible), RAM contents not cleared; RAM data can be written.
V
Select addressing mode:
V=0 for Horizontal Addressing;
V=1 for Vertical Addressing.
H
H=0: Basic Instruction set;
H=1: Extended instruction set.
Data access can be used in both instruction blocks. Refer to the instruction table.
Read Data
By specify the column address and page address, the display data in DDRAM can be read by MPU (parallel interface).
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
1
1
Read Data
Write Data
8-bit data of Display Data from the microprocessor can be written to the RAM location specified by the column address and
page address. The column address is increased by 1 automatically so that the microprocessor can continuously write data
to the addressed page. During auto-increment, the column address wraps to 0 after the last column is written.
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
1
0
Write Data
H=0
(Basic Instruction)
Display Control
This bits D and E selects the display mode.
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
1
D
0
E
Flag
Description
D,E
D
E
The bits D and E select the display mode.
0
0
Display OFF
0
1
All display segments on
1
0
Normal mode
1
1
Inverse video mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com