Electronic Components Datasheet Search
  English  ▼

X  

ST7585 Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST7585
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7585 Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST7585 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
ST7585
Ver 1.0c
13/51
2009/04/14
I
2C Interface
The I
2C Interface is for bi-directional, two-line communication between different ICs or modules. The two lines are a Serial
Data line (SDA) and a Serial Clock line (SCLK). Both lines must be connected with a pull-up resistor which drives SDA and
SCLK to high when the bus is not busy. Data transfer can be initiated only when the bus is not busy.
The I
2C interface of ST7585 supports write access and read of acknowledge-bit. The I2C interface receives and executes
the commands sent via the I
2C Interface. It also receives RAM data and sends it to the Display RAM.
BIT TRANSFER
One data bit is transferred during each clock pulse. The data on SDA line must remain stable during the HIGH period of the
clock pulse because changes of SDA line at this time will be interpreted as START or STOP condition. Refer to Fig 5.
Fig 5.
Bit transfer
START AND STOP CONDITIONS
Both SDA and SCLK lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of SDA, while SCLK is HIGH
is defined as the START condition (S). A LOW-to-HIGH transition of SDA while SCLK is HIGH is defined as the STOP
condition (P). The START and STOP conditions are illustrated in Fig 6.
Fig 6.
Definition of START and STOP conditions
SYSTEM CONFIGURATION
The system configuration is illustrated in Fig 7 and some word-definitions are explained below:
- Transmitter: the device which sends the data to the bus.
- Receiver: the device which receives the data from the bus.
- Master: the device, which initiates a transfer, generates clock signals and terminates a transfer.
- Slave: the device which is addressed by a master.
- Multi-Master: more than one master can attempt to control the bus at the same time without corrupting the message.
- Arbitration: the procedure to ensure that, if more than one master tries to control the bus simultaneously, only one is
allowed to do so and the message is not corrupted.
- Synchronization: procedure to synchronize the clock signals of two or more devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com